Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3984 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3984
Description  The purpose of this document is to provide a tool to calculate
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3984 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3984 Datasheet HTML 14Page - STMicroelectronics AN3984 Datasheet HTML 15Page - STMicroelectronics AN3984 Datasheet HTML 16Page - STMicroelectronics AN3984 Datasheet HTML 17Page - STMicroelectronics AN3984 Datasheet HTML 18Page - STMicroelectronics AN3984 Datasheet HTML 19Page - STMicroelectronics AN3984 Datasheet HTML 20Page - STMicroelectronics AN3984 Datasheet HTML 21Page - STMicroelectronics AN3984 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Examples
AN3984
18/46
Doc ID 022240 Rev 1
5.4
2nd-order high-pass filter
Input data:
●
Cutoff freq: 1 kHz
●
Coefficient range: 4
●
Quality factor (Q): 2
●
Processing frequency: 96 kHz
Output data:
Figure 4.
2nd-order high-pass filter - magnitude response
Filter coefficients
'Coeff 1: b1/2'
'Coeff 2: b2'
'Coeff 3: -a1/2'
'Coeff 4: -a2'
'Coeff 5: b0/2'
'e08c6b'
'1f7394'
'1f6af3'
'e10794'
'0fb9ca'
10
-1
10
0
10
1
-40
-30
-20
-10
0
10
20
Frequency (kHz)
Magnitude Response (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com