Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3995 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3995
Description  Getting started tutorial
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3995 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3995 Datasheet HTML 27Page - STMicroelectronics AN3995 Datasheet HTML 28Page - STMicroelectronics AN3995 Datasheet HTML 29Page - STMicroelectronics AN3995 Datasheet HTML 30Page - STMicroelectronics AN3995 Datasheet HTML 31Page - STMicroelectronics AN3995 Datasheet HTML 32Page - STMicroelectronics AN3995 Datasheet HTML 33Page - STMicroelectronics AN3995 Datasheet HTML 34Page - STMicroelectronics AN3995 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
AN3995
e200z4d initialization and example code
Doc ID 022384 Rev 2
31/49
3.3
The e200z4d example code
After the basics initialization (see Section 3.2: e200z4d device configuration from C code),
the user configures the output pin (PE[4]) on which is connected a led (see e200z4d Core in
RM0070, see Section C.1: Reference document), the e200z4d core toggles the pin and
then loops forever (see Figure 25).
In the meantime, the e200z0h core executes a similar code to toggle a led through a
contiguous port pin.
Figure 25.
Application code: the main function
int main(int argc, char *argv[]){
Environment_Init();
/* Basic device Initilaizations */
/* (Modes,Pll,Start core 1,...)
*/
/* Example Code start here */
/* Loop forever Flashing an LED connected to Port PE[4] */
/* (core Z0 code blink contiguous led) */
SIU.PCR[PIN_NUMBER].R = 0x0200;
/* PE[4] to GPIO mode, output */
while(1){
/* Invert LED output */
SIU.GPDO[PIN_NUMBER].R = (~(SIU.GPDO[PIN_NUMBER].R) & 0x01);
for (count=0; count<1000000; count++);
/* wait a while */
};
return 0;
} /* End Of Main */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com