Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4041 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4041
Description  The purpose of this application note is to give a brief description
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4041 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4041 Datasheet HTML 2Page - STMicroelectronics AN4041 Datasheet HTML 3Page - STMicroelectronics AN4041 Datasheet HTML 4Page - STMicroelectronics AN4041 Datasheet HTML 5Page - STMicroelectronics AN4041 Datasheet HTML 6Page - STMicroelectronics AN4041 Datasheet HTML 7Page - STMicroelectronics AN4041 Datasheet HTML 8Page - STMicroelectronics AN4041 Datasheet HTML 9Page - STMicroelectronics AN4041 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Hardware description
AN4041
6/14
Doc ID 022706 Rev 2
2
Hardware description
The board is a sound card automatically recognized by the PC as an audio device. The
connection is done through the USB cable which also supplies the board and then streams
the audio collected from the microphones to the PC.
Figure 3.
Microphone USB demonstration board (block diagram)
Supply section
The supply section of the board is made up of two voltage regulators that step down the 5 V
of the USB connection to 3.3 V and 2.5 V. The solder jumper J4 gives the user the possibility
to choose the desired supply voltage.The digital microphone voltage ranges are given in the
following table.
We recommend using 2.5 V to avoid supplying the microphone with a voltage that is too
high. For instance, the MP34DT01 cannot support a supply voltage of 3.3 V.
Microphone section
Regarding the microphone section, the MEMS outputs are a PDM signal, which is a high-
frequency stream (1 to 3.25 MHz) of 1-bit digital samples. According to the application hints
given in the datasheets (available on www.st.com), the microphone can be used in single-
channel configuration or stereo configuration by setting the LR pin. This pin sets the validity
Table 1.
Microphone supply voltage range
Part number
Min.
Typ.
Max.
Unit
MP45DT02
1.64
1.8
3.6
V
MP34DB01
1.64
1.8
3.6
V
MP34DT01
1.64
1.8
3.6
V
STM32F107RC
12.288 MHz
SEL
L/R
Clk
Vdd
Out
gnd
APWlink
connector
I2S
SPI
I2C
USB I/F
8 MHz
L/R
Clk
Vdd
Out
gnd
SEL
Regulator
2.5V
Regulator
3.3V
SEL
5V
Mic_Vdd
µC_Vdd
USB
Connector
2.5V
3.3V
OSC
Mic_Vdd
J4
J1
J5
SPI_CK
APWlink+
Timer
MIC_CK
MIC_CK
MIC_DATA12
Mic_Vdd
D1
D2
D3
D4
D5
Mic_Vdd
Mic_Vdd
µC_Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com