Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N28005MBK Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N28005MBK
Description  SFP plus 10Gbase-CU Passive Twinax Copper Cable,Black, 5M (16-ft)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N28005MBK Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N28005MBK Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N28005MBK Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SFP+ 10Gbase-CU Passive Twinax Copper Cable,
Black, 5M (16-ft.)
MODEL NUMBER: N280-05M-BK
Description
Tripp Lite's Small Form Factor Pluggable ( SFP+ ) passive copper cables are a high performance connectivity
solution supporting 10Gbps Ethernet and Fibre Channel applications. Constructed with 24AWG to 30AWG
(depending on length), 100ohm Twinaxial cable, Tripp Lite cables exceed the specs on most OEM cables, at a
fraction of the cost. SFP+ cables were developed as cost effective, low power alternatives to fiber optic cables, in
high speed interconnect applications, such as network storage and enterprise networking.
See "Features" tab for additional compatibility information.
Features
5 m. (16 ft.) Black 24Awg SFP+ High Speed Passive Copper 10Gbps Cable
Fully compliant to MSA SFF-8431 specification
Equivalent to Cisco SFP-H10GB-CU1-5M (See the Support tab on this web page for additional cross
references)
Use in 10Gbps Ethernet and Fibre Channel applications
100ohm Twinaxial cable, Diecast metal shells, pull-to-release latching
Support for 1x, 2x, 4x and 8x Fiber Channel data rates
Hot-Pluggable SFP 20PIN footprint
Low power consumption
Specifications
OVERVIEW
Cable Type
10G/40G/100G; SFP+/QSFP+
Highlights
5 m. (16 ft.) Black 24AWG SFP+
High Speed Passive Copper
10Gbps Cable
Fully compliant to MSA
SFF-8431 specification
Equivalent to Cisco
SFP-H10GB-CU1-5M (See the
Support tab on this web page for
additional cross references)
Low Cost alternative to Fiber
Optic
Applications
10 Gigabit Ethernet and Gigabit
Ethernet
Fibre Channel: 1, 2, 4, and 8 GFC
Infiniband standard SDR
(2.5Gbps ), DDR ( 5Gbps ), and
QDR ( 10Gbps)
Fibre Channel over Ethernet
(FCoE)
System Requirements
Tripp Lite SFP+ Direct Attach Cable (
DAC ) Twinaxial cables conform to
SFF-8431 standards, and as such can
be used with the following
manufacturers equipment that are
open to 3rd party cables:
QLOGIC * EMULEX * JUNIPER *
ARISTA * IBM * DELL * EXTREME
EMC * BROADCOM * FINISAR *
VOLTAIRE * CISCO
CONFIRMED EQUIPMENT LIST (
*ensure the latest firmware and
software is installed )
CISCO NEXUS *
CISCO CATALYST *
CISCO CATALYST 3750x
CISCO CATALYST 2960
CISCO CATALYST 3500
1 / 2


Similar Part No. - N28005MBK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N28005MGN TRIPPLITE-N28005MGN Datasheet
484Kb / 2P
SFP plus 10Gbase-CU Passive Twinax Copper Cable,Green, 5M (16-ft.)
More results

Similar Description - N28005MBK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N28002MBK TRIPPLITE-N28002MBK Datasheet
485Kb / 2P
SFP plus 10Gbase-CU Passive Twinax Copper Cable,Black, 2M (6-ft)
N28003MBK TRIPPLITE-N28003MBK Datasheet
485Kb / 2P
SFP plus 10Gbase-CU Passive Twinax Copper Cable,Black, 3M (10-ft)
N28005MGN TRIPPLITE-N28005MGN Datasheet
484Kb / 2P
SFP plus 10Gbase-CU Passive Twinax Copper Cable,Green, 5M (16-ft.)
N28006MBK TRIPPLITE-N28006MBK Datasheet
485Kb / 2P
SFP plus 10Gbase-CU Passive Twinax Copper Cable,Black, 6M (20-ft.)
N28007MBK TRIPPLITE-N28007MBK Datasheet
485Kb / 2P
SFP plus 10Gbase-CU Passive Twinax Copper Cable,Black, 7M (23-ft)
N280005BK TRIPPLITE-N280005BK Datasheet
479Kb / 2P
SFP plus 10Gbase-CU Passive Twinax Copper Cable, Black, 1.5M (5-ft)
N280008BK TRIPPLITE-N280008BK Datasheet
485Kb / 2P
SFP plus 10Gbase-CU Passive Twinax Copper Cable,Black, 2.5M (8-ft)
N280-05M-BK TRIPPLITE-N280-05M-BK Datasheet
158Kb / 3P
SFP 10Gbase-CU Passive Twinax Copper Cable, SFP-H10GB-CU5M Compatible, Black, 5M (16-ft.)
N280-05M-GN TRIPPLITE-N280-05M-GN Datasheet
158Kb / 3P
SFP 10Gbase-CU Passive Twinax Copper Cable, SFP-H10GB-CU5M Compatible, Green, 5M (16-ft.)
N280-008-BK TRIPPLITE-N280-008-BK Datasheet
158Kb / 3P
SFP 10Gbase-CU Passive Twinax Copper Cable, SFP-H10GB-CU2-5M, Black, 2.5M (8-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com