Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N42003M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N42003M
Description  Fiber Optic Mode Conditioning Patch Cable (ST-SC),3M (10-ft.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N42003M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N42003M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N42003M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fiber Optic Mode Conditioning Patch Cable (ST/SC),
3M (10-ft.)
MODEL NUMBER: N420-03M
Description
Tripp Lites Mode Conditioning Cables are designed for use in Gigabit Ethernet 1000BASE-LX applications. They are fully compliant with IEEE 802.3z
application standards. Mode Conditioning Cables are needed in applications where new high-speed Gigabit 1000BASE-LX routers and switches are being
deployed into existing multimode plants. The need for this patch cord is due to the single-mode launch nature of the -LX or long-wave (1300 nm) transceiver
modules used for Gigabit Ethernet. Launching a single-mode laser into the center of a multimode fiber can cause multiple signals to be generated that
confuses the receiver at the other end of the fiber. These multiple signals, caused by Differential Mode Delay (DMD) effects, severely limit the cable distance
lengths for operating Gigabit Ethernet. A mode conditioning patch cord eliminates these multiple signals by allowing the single-mode launch to be offset away
from the center of a multimode fiber.
Features
SC / ST Duplex Mode Conditioning Fiber Patch Cable - 3 Meter
62.5/125 and 8.3/125
Use Singlemode Transceivers on Multimode Fiber Backbones
Offsets the Singlemode Laser launch from the center of a Multimode fiber
Available in a variety of connector combinations
Specifications
OVERVIEW
Cable Type
Mode Conditioning
INPUT
Cable Length (ft.)
10
Cable Length (m)
3
Highlights
3 Meter SC/ST Mode
Conditioning Cable
62.5/125 and 8.3/125
Run 1000Base-LX Gigabit
Ethernet over MMF by offsetting
signal loss
IEEE 802.3z Gigabit Ethernet
Compliant
Applications
Use when connecting a LX type fiber
transceiver ( Singlemode light ) to a
Multimode backbone
1 / 2


Similar Part No. - N42003M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N420-03M TRIPPLITE-N420-03M Datasheet
162Kb / 2P
Fiber Optic Mode Conditioning Patch Cable ( SC / Mode Conditioning to ST ), 3M (10-ft.)
More results

Similar Description - N42003M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N42203M TRIPPLITE-N42203M Datasheet
491Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (ST-LC),3M (10-ft.)
N42602M TRIPPLITE-N42602M Datasheet
482Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC-SC), 2M (6-ft.)
N42603M TRIPPLITE-N42603M Datasheet
483Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC-SC), 3M (10-ft.)
N42605M TRIPPLITE-N42605M Datasheet
483Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC-SC), 5M (16-ft.)
N420-03M TRIPPLITE-N420-03M Datasheet
162Kb / 2P
Fiber Optic Mode Conditioning Patch Cable ( SC / Mode Conditioning to ST ), 3M (10-ft.)
N422-03M TRIPPLITE-N422-03M Datasheet
167Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (ST/LC), 3M (10-ft.)
N425-03M TRIPPLITE-N425-03M Datasheet
167Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (LC Mode Conditioning to SC), 3M (10-ft.)
N426-02M TRIPPLITE-N426-02M Datasheet
162Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC/SC), 2M (6-ft.)
N426-03M TRIPPLITE-N426-03M Datasheet
163Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC/SC), 3M (10-ft.)
N426-05M TRIPPLITE-N426-05M Datasheet
162Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC/SC), 5M (16-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com