| Electronic Components Datasheet Search |
|
AN4146 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4146 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 30 page ![]() March 2013 DocID023502 Rev 2 1/30 AN4146 Application note STSmartVoice demonstration board STEVAL-MKI126Vx Introduction This application note describes the STSmartVoice demonstration board STEVAL- MKI126Vx. The connections and setup of the programming and interface boards are also detailed as well as other versions of the main board hosting the different microphones. The STA321MP/MPL (package option respectively VFQFPN56 and TQFP64) has been designed to decode the pulse-density modulation (PDM) signal coming from the microphones and convert it into the most common digital audio format: I2S. The device is also able to provide pulse-width modulation (PWM) outputs, one per channel, suitable to support an analog interface. The processor also includes a digital block, the hardware accelerator, composed of a chain of biquads (see Figure 1). The STEVAL-MKI126Vx board can connect up to six microphones using the sockets provided or through a dedicated six-microphone array. The digital interface of the device allows interfacing the MIC output to the most widely used audio receivers and digital amplifiers or simply evaluating the MIC using generic audio measurement equipment. The filtered PWM signals allow the connection of a headset to listen to the audio received through the microphones. The fully digital path ensures a high level of processing with sound preconditioning, filtering and voice enhancement. The pre- and post-mixing of the signals coming from the microphones, in combination with the frequency equalization block, allow the implementation of acoustic algorithms such as beam forming. Figure 1. Microphone processor Audio Matrix ( Muxing/ Mixing ) PDM Interface STA321MP/MPL MEMS Digital Microphone 6 SDA Clock management I2C Serial Data Output SCL I2S PLL 1 6 LRCK BICK SDAT 1/2/3 MEMS Digital Microphone 1 OUTxA OUTxB Scalable Microphone Processor TM Hardware Accelerator PWM www.st.com |
Similar Part No. - AN4146 |
|
Similar Description - AN4146 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |