Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4171 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4171
Description  The STEVAL-CCA043V1 is a demonstration board designed for the evaluation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4171 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4171 Datasheet HTML 3Page - STMicroelectronics AN4171 Datasheet HTML 4Page - STMicroelectronics AN4171 Datasheet HTML 5Page - STMicroelectronics AN4171 Datasheet HTML 6Page - STMicroelectronics AN4171 Datasheet HTML 7Page - STMicroelectronics AN4171 Datasheet HTML 8Page - STMicroelectronics AN4171 Datasheet HTML 9Page - STMicroelectronics AN4171 Datasheet HTML 10Page - STMicroelectronics AN4171 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN4171
Operation
Doc ID 023710 Rev 1
7/14
Table 5.
Bill of material
Package
Description
Qty
Reference
Manufacturer
C0603
330 pF 50 V NPO
±5%
1
C27
Murata
C0603
1 nF 50 V
±10%
2
C3, C4
Murata
C0603
100 nF 50 V
±10%
8
C5, C6, C8, C9, C10, C24,
C25, C28
Murata
C0603
470 nF 50 V
±10%
2
C1, C2
Murata
C0603
2.2 µF, 16 V
±10%
3
C7, C15, C29
Murata
C0603
1 µF, 16 V,
±10%
2
C16, C17
Murata
E-cap
1000 µF, 25 V,
±10%,
pitch = 5.0 mm
1
C23
Rubycon
C1206
10 µF, 25 V,
±20%, Y5V
4
C30, C31, C32, C33
Murata
Mcap
220 nF, 50 V,
±10% PITCH=5.0mm
1
C26
Murata
R0603
22 ohm,
±10%, 1/16 W
2
R6, R7
Murata
R0603
2.2k ohm,
±10%, 1/16 W
1
R8
Murata
R0603
9.1k ohm,
±10%, 1/16 W
1
R13
Murata
R0603
33k ohm,
±10%, 1/16 W
2
R2, R4
Murata
R0603
39k ohm,
±10%, 1/16 W
1
R3
Murata
R0603
100k ohm,
±10%, 1/16 W
1
R1
Murata
PSSO36
slug-down
TDA7491MV (SSO36) slug-down
1
IC1
STMicroelectronics
Coil 10X10
33 µh 2 A Type:7075P-330M(1)
2
L1, L2
Kwan Sung
RCA-2P
RCA socket 1X2P, type AV2-8.4-4
1
J1
Songcheng
TO92
L4931CZ33, 3V3 regulator
1
IC2
STMicroelectronics
CNN-Terminal 2P, pitch = 5 mm connector terminal
3
J2, J3
Any source
2-way jumper
2P, pitch = 2.5 mm jumper
4
J5, J6, J9
Any source
Slide switch
3P, pitch = 2.5 mm
2
S1, S2
Any source
1.
Alternate part MSS1246/MSS1260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com