Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4189 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4189
Description  The STEVAL-CCA049V1 is a demonstration board designed for the evaluation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4189 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4189 Datasheet HTML 1Page - STMicroelectronics AN4189 Datasheet HTML 2Page - STMicroelectronics AN4189 Datasheet HTML 3Page - STMicroelectronics AN4189 Datasheet HTML 4Page - STMicroelectronics AN4189 Datasheet HTML 5Page - STMicroelectronics AN4189 Datasheet HTML 6Page - STMicroelectronics AN4189 Datasheet HTML 7Page - STMicroelectronics AN4189 Datasheet HTML 8Page - STMicroelectronics AN4189 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
November 2012
Doc ID 023809 Rev 1
1/23
AN4189
Application note
Sound Terminal® 2.0-channel microless high-efficiency digital
audio system demonstration board based on the STA335ML
Introduction
The STEVAL-CCA049V1 is a demonstration board designed for the evaluation of the
STA335ML Sound Terminal® high-efficiency digital amplifier. The purpose of this application
note is to show how to connect the 2.0-channel demonstration board and to explain how to
avoid critical board and layout issues.
The STEVAL-CCA049V1 demonstration board is configured for 2.0 BTL channels, releasing
up to 2 x 20 W into 8
Ω of power output at 18 V supply voltage in the PSSO36 slug-down
package. It represents a complete solution for a digital audio power amplifier capable of
operating without the aid of an external microcontroller.
Figure 1.
STEVAL-CCA049V1
www.st.com


Similar Part No. - AN4189

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4184 STMICROELECTRONICS-AN4184 Datasheet
1Mb / 19P
This application note briefly describes the microphone coupon boards
21-Jul-2014
More results

Similar Description - AN4189

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2479 STMICROELECTRONICS-AN2479 Datasheet
2Mb / 23P
The STEVAL-CCA048V1 is a demonstration board designed for the evaluation
29-Nov-2012
AN3412 STMICROELECTRONICS-AN3412 Datasheet
1,023Kb / 15P
The STEVAL-CCA028V1 is a demonstration board designed
15-Jun-2011
AN3956 STMICROELECTRONICS-AN3956 Datasheet
1Mb / 14P
The STEVAL-CCA029V1 is a demonstration board designed
21-Sep-2012
AN4170 STMICROELECTRONICS-AN4170 Datasheet
1Mb / 15P
The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN4171 STMICROELECTRONICS-AN4171 Datasheet
797Kb / 14P
The STEVAL-CCA043V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
The STEVAL-ISV002V2 demonstration board is the same
08-Nov-2012
AN2786 STMICROELECTRONICS-AN2786 Datasheet
227Kb / 10P
The STEVAL-IHI001V1 is a demonstration board designed to simulate
16-Jun-2008
AN4460 STMICROELECTRONICS-AN4460 Datasheet
1Mb / 54P
The STEVAL-ILL057V1 demonstration board is a complete
17-Apr-2014
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
The STEVAL-IFN004V1 is a demonstration board based
21-Dec-2011
UM1494 STMICROELECTRONICS-UM1494 Datasheet
722Kb / 23P
The STEVAL-IHT007V1 demonstration board is designed for the home appliance market
13-Mar-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com