Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4211 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4211
Description  Guidelines for soldering MEMS microphones
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4211 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4211 Datasheet HTML 1Page - STMicroelectronics AN4211 Datasheet HTML 2Page - STMicroelectronics AN4211 Datasheet HTML 3Page - STMicroelectronics AN4211 Datasheet HTML 4Page - STMicroelectronics AN4211 Datasheet HTML 5Page - STMicroelectronics AN4211 Datasheet HTML 6Page - STMicroelectronics AN4211 Datasheet HTML 7Page - STMicroelectronics AN4211 Datasheet HTML 8Page - STMicroelectronics AN4211 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID023971 Rev 3
3/13
AN4211
Printing and stencil parameters
13
1
Printing and stencil parameters
The soldering paste thickness and pattern are important for the proper microphone
soldering process. Here below, some recommendations to be followed are listed:
Stainless steel stencils are recommended
Stencil thickness of 75 - 100 µm (2.95 - 3.94 mils) is recommended for screen printing
The final soldering paste thickness should allow proper cleaning of flux residuals and
clearance between the sensor package and PCB
Stencil aperture should have a rectangular shape
The openings of the stencil for the signal pads should be between 70 - 90 % of the PCB
pad
Optionally, for better solder paste release, the aperture walls should be trapezoidal and
the corners rounded
The fine IC leads pitch requires accurate alignment of the stencil to the PCB. The
stencil and printed circuit assembly should be aligned to within 25 µm (1 mil) prior to
application of the solder paste



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com