Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4231 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4231
Description  Standby mode exit from FLASH to RAM configuration settings
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4231 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4231 Datasheet HTML 1Page - STMicroelectronics AN4231 Datasheet HTML 2Page - STMicroelectronics AN4231 Datasheet HTML 3Page - STMicroelectronics AN4231 Datasheet HTML 4Page - STMicroelectronics AN4231 Datasheet HTML 5Page - STMicroelectronics AN4231 Datasheet HTML 6Page - STMicroelectronics AN4231 Datasheet HTML 7Page - STMicroelectronics AN4231 Datasheet HTML 8Page - STMicroelectronics AN4231 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DocID024130 Rev 2
5/22
AN4231
Low Power Modes overview
1
Low Power Modes overview
Many automotive applications need to optimize power consumption in order to preserve the
battery lifetime in all electronic components and minimize electromagnetic emissions.
For this reason, microcontrollers of SPC564Bxx and SPC56ECxx family have the possibility
to remain in particular states called “Low Power Modes” when the primary target is to
minimize the power consumption.
The Low Power Modes in the SPC564Bxx and SPC56ECxx family devices are:
HALT mode
STOP mode
STANDBY mode
The HALT mode is intended as a first level low power mode, in which the platform is stopped
but system clock remains the same as in running mode. This is a reduced-activity low-power
mode during which the clock to the core is disabled. It is configured to switch off analog
peripherals like PLL, Flash, main regulator etc. for efficient power management at the cost
of higher wakeup latency.
The STOP mode is intended as an advanced low power mode, during which the clock of the
platform is disabled. It is possible to switch off most of the peripheral oscillator at the cost of
higher wakeup latency.
The STANDBY mode is a reduced leakage low power mode in which only the power domain
0 (always on) is connected and power supply is cut off from most of the device. Wakeup
from this mode takes a relatively long time and content is lost or must be restored from
backup.
Those modes and their relative power domains are controlled by the Power Control Unit
(MC_PCU) which allows switching through four different power domains.
When a power domain is disconnected from the supply, its power consumption is reduced to
zero and the status information of the same power domain is lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com