Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4233 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4233
Description  The purpose of this document is to provide a methodology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4233 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4233 Datasheet HTML 4Page - STMicroelectronics AN4233 Datasheet HTML 5Page - STMicroelectronics AN4233 Datasheet HTML 6Page - STMicroelectronics AN4233 Datasheet HTML 7Page - STMicroelectronics AN4233 Datasheet HTML 8Page - STMicroelectronics AN4233 Datasheet HTML 9Page - STMicroelectronics AN4233 Datasheet HTML 10Page - STMicroelectronics AN4233 Datasheet HTML 11Page - STMicroelectronics AN4233 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Test results with the STA333IS and 2- or 4-layer PCB
AN4233
8/12
Doc ID 024143 Rev 1
3.3
STA333IS: 500 mA output current and 4-layer PCB
Figure 4.
STA333IS: 500 mA output current and 4-layer PCB - thermal measurement
Table 6.
STA333IS: 1000 mA output current and 2-layer PCB - summary table
Total power [W]
1.0903
W
Temperature (case) [°C]
72.3
°C
Temperature (ambient) [°C]
24
°C
Rth [k/W]
44.300
°C/W
Table 7.
STA333IS: 500 mA output current and 4-layer PCB - current measurement
Rsense
[m
Ω]
V_Rsense
[mV]
I_Channel
[A]
VRDS
[mV]
PRDS
[mW]
RDS
[m
Ω]
Vcc
[V]
I_Vcc
[mA]
Vdd
[V]
I_Vdd
[mA]
Out 1A
100
51.1
0.511
65.15
33.29165
127.49511
8.36
19.21
3.3
32
Out 1B
100
50.46
0.5046
69.55
35.09493
137.83195
Out 2A
100
50.94
0.5094
69.9
35.60706
137.22026
Out 2B
100
51.1
0.511
64.8
33.1128
126.81018
Table 8.
STA333IS: 500 mA output current and 4-layer PCB - power dissipation
Power_Output [W]
0.13711
W
Power_Vdd [W]
0.1056
W
Power_Vcc [W]
0.1606
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com