Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4426 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4426
Description  Tutorial for MEMS microphones
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4426 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4426 Datasheet HTML 1Page - STMicroelectronics AN4426 Datasheet HTML 2Page - STMicroelectronics AN4426 Datasheet HTML 3Page - STMicroelectronics AN4426 Datasheet HTML 4Page - STMicroelectronics AN4426 Datasheet HTML 5Page - STMicroelectronics AN4426 Datasheet HTML 6Page - STMicroelectronics AN4426 Datasheet HTML 7Page - STMicroelectronics AN4426 Datasheet HTML 8Page - STMicroelectronics AN4426 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Mechanical specifications, construction details
AN4426
4/18
DocID025704 Rev 1
1
Mechanical specifications, construction details
A microphone is a dual-die device consisting of two components, the integrated circuit and
the sensor, which are housed in a package using techniques that are proprietary to ST.
Figure 1. MEMS microphone inside package
The sensor uses MEMS technology (Micro-Electrical-Mechanical Systems) and it is
basically a silicon capacitor. The capacitor consists of two silicon plates/surfaces. One plate
is fixed while the other one is movable (respectively, the green plate and the grey one
shown in the following figure). The fixed surface is covered by an electrode to make it
conductive and is full of acoustic holes which allow sound to pass through. The movable
plate is able to move since it is bonded at only one side of its structure. A ventilation hole,
allows the air compressed in the back chamber to flow out and consequently allows the
membrane to move back. The chamber allows the membrane to move inside but also, in
combination with the chamber created by the package will affect the acoustic performance
of the microphones in terms of frequency response and SNR.
Figure 2. MEMS transducer mechanical specifications
So basically the microphone MEMS sensor is a variable capacitor where the transduction
principle is the coupled capacitance change between a fixed plate (back plate) and a
movable plate (membrane) caused by the incoming wave of the sound.
AM17596v1
MEMS sensor
ASIC (Application specific
integrated circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com