Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSRF06N60SL Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSRF06N60SL
Description  N-Ch Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSRF06N60SL Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSRF06N60SL_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSRF06N60SL_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSRF06N60SL_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSRF06N60SL_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSRF06N60SL_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Elektronische Bauelemente
SSRF06N60SL
6A , 600V , RDS(ON) 1.5
N-Ch Enhancement Mode Power MOSFET
25-Sep-2013 Rev. A
Page 2 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
600
-
-
V
VGS=0, ID= 250µA
Gate-Threshold Voltage
VGS(th)
2
-
4
V
VDS=VGS, ID=250µA
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±30V
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=600V, VGS=0
Static Drain-Source On-Resistance
RDS(ON)
-
1.35
1.5
VGS=10V, ID=3A
Total Gate Charge
1.2
Qg
-
13.32
-
Gate-Source Charge
1.2
Qgs
-
4.13
-
Gate-Drain Change
1.2
Qgd
-
4.19
-
nC
ID=6A
VDS=480V
VGS=10V
Turn-on Delay Time
1.2
Td(on)
-
18.53
-
Rise Time
1.2
Tr
-
42.67
-
Turn-off Delay Time
1.2
Td(off)
-
33.2
-
Fall Time
1.2
Tf
-
28.13
-
nS
VDD=300V
ID=6A
RG=25
Input Capacitance
Ciss
-
690.7
-
Output Capacitance
Coss
-
83.6
-
Reverse Transfer Capacitance
Crss
-
2.7
-
pF
VGS =0
VDS=25V
f =1.0MHz
Source-Drain Diode
Diode Forward Voltage
VSD
-
-
1.4
V
IS=6A, VGS=0
Continuous Source Current
IS
-
-
6
A
Pulsed Source Current
ISM
-
-
24
A
Integral Reverse P-N
Junction Diode in the
MOSFET
Reverse Recovery Time
1.
Trr
-
488
-
ns
Reverse Recovery Charge
1.
Qrr
-
3
-
µC
IS=6A,VGS=0,
dlF/dt=100A/µS
Notes:
1.
Pulse Test: Pulse width ≦300µS, Duty cycle≦2%
2.
Essentially independent of operating temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com