Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSRF08N70SL Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSRF08N70SL
Description  N-Ch Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSRF08N70SL Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSRF08N70SL_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSRF08N70SL_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSRF08N70SL_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSRF08N70SL_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSRF08N70SL_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Elektronische Bauelemente
SSRF08N70SL
8A , 700V , RDS(ON) 1.2
N-Ch Enhancement Mode Power MOSFET
15-Oct-2013 Rev. A
Page 2 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
700
-
-
V
VGS=0, ID= 250µA
Gate-Threshold Voltage
VGS(th)
2
-
4
V
VDS=VGS, ID=250µA
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±30V
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=700V, VGS=0
Static Drain-Source On-Resistance
RDS(ON)
-
0.95
1.2
VGS=10V, ID=4A
Total Gate Charge
1.2
Qg
-
26.11
-
Gate-Source Charge
1.2
Qgs
-
7.47
-
Gate-Drain Change
1.2
Qgd
-
8.51
-
nC
ID=8A
VDS=560V
VGS=10V
Turn-on Delay Time
1.2
Td(on)
-
26.48
-
Rise Time
1.2
Tr
-
39.96
-
Turn-off Delay Time
1.2
Td(off)
-
86.8
-
Fall Time
1.2
Tf
-
43.36
-
nS
VDD=350V
ID=8A
RG=25
Input Capacitance
Ciss
-
1357
-
Output Capacitance
Coss
-
124.2
-
Reverse Transfer Capacitance
Crss
-
4.4
-
pF
VGS =0
VDS=25V
f =1.0MHz
Source-Drain Diode
Diode Forward Voltage
VSD
-
-
1.4
V
IS=8A, VGS=0
Continuous Source Current
IS
-
-
8
A
Pulsed Source Current
ISM
-
-
32
A
Integral Reverse P-N
Junction Diode in the
MOSFET
Reverse Recovery Time
1.
Trr
-
515
-
ns
Reverse Recovery Charge
1.
Qrr
-
4.22
-
µC
IS=8A,VGS=0,
dlF/dt=100A/µS
Notes:
1.
Pulse Test: Pulse width ≦300µS, Duty cycle≦2%
2.
Essentially independent of operating temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com