Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4501 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 32Page - STMicroelectronics AN4501 Datasheet HTML 33Page - STMicroelectronics AN4501 Datasheet HTML 34Page - STMicroelectronics AN4501 Datasheet HTML 35Page - STMicroelectronics AN4501 Datasheet HTML 36Page - STMicroelectronics AN4501 Datasheet HTML 37Page - STMicroelectronics AN4501 Datasheet HTML 38Page - STMicroelectronics AN4501 Datasheet HTML 39Page - STMicroelectronics AN4501 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Selection of the switching MOSFET
AN4501
36/48
DocID026394 Rev 1
Equation 26:
Where tM1,SWON = t2 + t3.
Switch-off phase
Figure 17 shows the waveforms during the switch-off of M1, which are relevant for the
switching losses. Prior to the phase t4, M1 is fully on and conducts the current IL,PEAK. The
diode is reverse biased.
Figure 17. Waveforms during the switch off of M1
At the beginning of the t4 phase, the voltage of the gate drive G1 drops and vM1,GS
decreases down to the sustaining voltage VM1,GS(ILPEAK) (minimum voltage required to
sustain the drain current IL,PEAK). There is no switching loss during this phase.
During t5, vM1,DS increases again up to ~ VOUT. As a consequence CGD is charged and
vM1,GS reaches again the plateau. The switching energy represented by the green area on
Figure 17 is estimated by the formula:
At the beginning of the t6 phase, vM1,DS is high enough to allow the freewheeling diode to
conduct. As the drain current of M1 decreases, so does vM1,GS.
P
M1,SWON
V
OUT
I
L VALLEY
,
×
t
M1,SWON
F
SW
×
×
2
------------------------------------------------------------------------------------------------------
=
V
OUT
I
L PEAK
,
×
t
5
×
2
-------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com