Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4623 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4623
Description  Memory monitoring using JDC module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4623 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4623 Datasheet HTML 2Page - STMicroelectronics AN4623 Datasheet HTML 3Page - STMicroelectronics AN4623 Datasheet HTML 4Page - STMicroelectronics AN4623 Datasheet HTML 5Page - STMicroelectronics AN4623 Datasheet HTML 6Page - STMicroelectronics AN4623 Datasheet HTML 7Page - STMicroelectronics AN4623 Datasheet HTML 8Page - STMicroelectronics AN4623 Datasheet HTML 9Page - STMicroelectronics AN4623 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
JTAG Data Communication (JDC)
AN4623
6/16
DocID027178 Rev 1
JOUT JTAG register field descriptions:
–
JOUT_IPS: Data value from JOUT_IPS register [32 bit]
–
JIN_RDY: State of JIN_RDY bit from MSR
–
JOUT_RDY: State of JOUT_RDY bit from MSR
•
JTAG input data register (JIN): Data is written to the JIN register via JTAG during
execution of the JIN_WRITE JTAG instruction. The JIN data is later captured in the
JIN_IPS register to be read via IPS. This register is reset by system destructive reset
and JTAG reset.
JIN JTAG register field descriptions:
•
JIN Data: Contains data to be captured in JIN_IPS register upon exit of Update-DR
state when executing WRITE_JIN JTAG instruction.
1.5
Functional description
The JDC module provides the ability to shift in data via the JTAG port and capture that data
into a memory mapped register that can be accessed via IPS. It also provides the ability to
capture data written to a memory mapped register into a JTAG shift register for output via
the JTAG port. An overview of the module functionality is described below.
A software writes to the JOUT_IPS register sets the JOUT_RDY flag bit, that indicates new
data is available to be read from the JOUT register via the JTAG port. The state of the
JOUT_RDY bit is reflected in the MSR and also ported out to the JOUT register. A JTAG
read of the JOUT register via execution of the JOUT_READ instruction with a JOUT_RDY
bit whose value is logic 1 indicates the register contains new data. The JOUT_RDY flag bit
is cleared upon exit of the Capture-DR JTAG state during execution of the JOUT_READ
instruction. Clearing the JOUT_RDY bit indicates to software that a new data value can be
written to the JOUT_IPS register.
A JTAG writes to the JIN register via execution of the JIN_READ JTAG instruction updates
the contents of the JIN_IPS register upon exit of the Update-DR state. An update of the
JIN_IPS register sets the JIN_RDY flag bit, that indicates new data is available to be read
via IPS. The state of the JIN_RDY bit is reflected in the MSR register and also ported out to
the JOUT register. The JIN_RDY flag bit is cleared upon software read of the JIN_IPS
register. A JTAG reads of the JOUT register with a JIN_RDY value of logic 0 indicates that
new data can be written to the JIN register.
1.6
JTAG register access
The JDC block implements the IEEE 1149.1-2001 defined instructions listed in Table 1. This
section gives an overview of each instruction; refer to the IEEE 1149.1-2001 standard for
more details. All undefined opcodes are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com