Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3204 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3204
Description  1087.5 MHz Bandpass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3204 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3204 Datasheet HTML 1Page - KR Electronics, Inc. 3204 Datasheet HTML 2Page - KR Electronics, Inc. 3204 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2015, KR Electronics, Inc.
3204, 1087.5 MHz Bandpass, Rev 0
KR Electronics, Inc.
KR Electronics part number 3204 is a 1087.5 MHz bandpass
filter. The filter has a min 3 dB bandwidth of 255 MHz. Other
center frequencies and are bandwidths available. Please consult
the factory.
General Description
KR Electronics, Inc.
Features
 1087.5 MHz Bandpass
 3 dB Bandwidth 255 MHz min
320 MHz typical
 50  Source and Load
 Surface Mount
 SMA Connectors Available
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-2500
(732) 636-2582
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3204

ManufacturerPart #DatasheetDescription
logo
Dow-Key Microwave Corpo...
3204 DOW-KEY-3204 Datasheet
430Kb / 1P
IF-band Fan-Out
logo
List of Unclassifed Man...
3204 ETC2-3204 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3204 HEYCO-3204 Datasheet
264Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
TE Connectivity Ltd
3204 TEC-3204 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Keystone Electronics Co...
3204 KEYSTONE-3204 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

Similar Description - 3204

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2796-SMA KR-2796-SMA Datasheet
65Kb / 2P
10 MHz Bandpass
2451-S KR-2451-S Datasheet
48Kb / 2P
140 MHz Bandpass
2567-1 KR-2567-1 Datasheet
88Kb / 2P
10.7 MHz Bandpass
2629-40-1 KR-2629-40-1 Datasheet
89Kb / 2P
160 MHz Bandpass
3002 KR-3002 Datasheet
48Kb / 3P
174 MHz Bandpass
3017 KR-3017 Datasheet
48Kb / 3P
455 MHz Bandpass
3030-140-10 KR-3030-140-10 Datasheet
58Kb / 3P
140 MHz Bandpass
3192-3 KR-3192-3 Datasheet
105Kb / 3P
2000 MHz Bandpass
3204-SMA KR-3204-SMA Datasheet
101Kb / 3P
1087.5 MHz Bandpass
3323 KR-3323 Datasheet
81Kb / 3P
KR Electronics part number 3323 is a 1087.5 MHz Bandpass filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com