Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM0345 Datasheet(PDF) 11 Page - STMicroelectronics

Part # RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 7Page - STMicroelectronics RM0345 Datasheet HTML 8Page - STMicroelectronics RM0345 Datasheet HTML 9Page - STMicroelectronics RM0345 Datasheet HTML 10Page - STMicroelectronics RM0345 Datasheet HTML 11Page - STMicroelectronics RM0345 Datasheet HTML 12Page - STMicroelectronics RM0345 Datasheet HTML 13Page - STMicroelectronics RM0345 Datasheet HTML 14Page - STMicroelectronics RM0345 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
RM0345
Reset and configuration signals
Doc ID 024080 Rev 3
11/38
3
Reset and configuration signals
Calibration and debug tools may use the reset signals included in the
connectors to have
visibility of when the SPC563M64xx device has been reset. Debug tools may also require
the ability to force device reset.
All signals of the SPC563M64xx QFP144 footprint from the application board are directly
connected to the respective calibration device signals. This includes the following signals on
the Table 3.
Table 3.
Reset and configuration signals
Signal name
Function
Notes
Reset / Configuration (5)
/RESET
External reset input
The /RESET pin is an active low input. The
RESET pin is asserted by an external device
during a power-on or external reset. The
internal reset signal asserts only if the RESET
pin asserts for 10 clock cycles. Assertion of
the RESET pin while the device is in reset
causes the reset cycle to start over.
/RSTOUT
External reset output
The RSTOUT pin is an active low output that
uses a push/pull configuration. The RSTOUT
pin is driven to the low state by the MCU for all
internal and external reset sources. There is a
delay between initiation of the reset and the
assertion of the RSTOUT pin.
BOOTCFG[1]
Boot configuration input
The BOOTCFG field holds the value of the
BOOTCFG[1] pin that was latched on the last
negation of the RSTOUT pin. The BOOTCFG
field is used by the BAM program to
determine the location of the Reset
Configuration Word.
PLLREF
FMPLL Mode Selection
PLLREF is used to select whether the
oscillator operates in xtal mode or external
reference mode from reset.
If RSTCFG is 0, External reference clock
selected.
If RSTCFG is 1, Xtal oscillator mode is
selected
WKPCFG
Weak Pull Configuration
The signal on the WKPCFG pin determines
whether weak pull up or pull down devices are
enabled after reset on the eTPU and eMIOS
pins.
0: Weak pulldown applied to eTPU and
eMIOS pins at reset
1: Weak pullup applied to eTPU and eMIOS
pins at reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com