Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17068 Datasheet(PDF) 39 Page - NEC

Part # UPD17068
Description  4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING IMAGE DISPLAY CONTROLLER AND PLL FREQUENCY SYNTHESIZER FOR DIGITAL TUNING SYSTEMS
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17068 Datasheet(HTML) 39 Page - NEC

Back Button UPD17068 Datasheet HTML 35Page - NEC UPD17068 Datasheet HTML 36Page - NEC UPD17068 Datasheet HTML 37Page - NEC UPD17068 Datasheet HTML 38Page - NEC UPD17068 Datasheet HTML 39Page - NEC UPD17068 Datasheet HTML 40Page - NEC UPD17068 Datasheet HTML 41Page - NEC UPD17068 Datasheet HTML 42Page - NEC UPD17068 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 341 page
background image
39
µPD17068
4.2
CONFIGURATION AND FUNCTIONS OF DATA MEMORY
Fig. 4-2 shows the configuration of the data memory.
As shown in Fig. 4-2, the data memory is divided into banks. Each bank consists of 128 nibbles made up
of row addresses 0H to 7H by column addresses 0H to FH.
The data memory is divided into the functional blocks described in Sections 4.2.1 through 4.2.6.
By using data memory manipulation instructions, 4-bit operations, comparison, decision, and transfer
operation can be performed for the data memory.
Table 4-1 indicates the data memory manipulation instructions.
4.2.1
System Register (SYSREG)
A system register is allocated at addresses 74H-7FH.
A system register is allocated, independently of the banks; each bank contains the same system register
at addresses 74H-7FH.
See Chapter 5 for details.
4.2.2
Data Buffer (DBF)
A data buffer is allocated at addresses 0CH-0FH of BANK0.
See Chapter 9 for details.
4.2.3
VRAM (Video RAM) for the IDC
Addresses 00H-3FH of BANK2 of the data memory can also be used as a VRAM for the IDC.
Fig. 4-3 shows the configuration of the VRAM. The VRAM consists of VRAMBANK0-VRAMBANKD, that is,
672
× 16 bits. A VRAMBANK can be specified using the VRAM select register at addresses 73H of BANK2.
This area is used when the VRAMSEL flag (RF: address 33H, bit 3) is set to 1. When this area is not used
as the VRAM, this area can be used as an ordinary RAM.
See Chapter 16 for details.
4.2.4
Port Register
A port register is allocated at addresses 70H-73H of BANK0 and BANK1, and at addresses 6FH and 70H-
72H of BANK2.
See Chapter 10 for details.
4.2.5
General-Purpose Data memory
The general-purpose data memory consists of the data memory other than the system registers and port
registers.
The general-purpose data memory is made up of 335 nibbles; 112 nibbles of each of BANK0 and BANK1,
and 111 nibbles of BANK2.
4.2.6
Unmounted Data Memory
The data memory at addresses 30H-3FH of BANK2 and some portion of the port registers are not allocated
for any purpose.
For details of the unmounted data memory area, see Section 4.4.2 and Chapter 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com