Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYLS-1210RGBC Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-1210RGBC
Description  SMD led lamp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-1210RGBC Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-1210RGBC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210RGBC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210RGBC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210RGBC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210RGBC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210RGBC Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210RGBC Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-1210RGBC Datasheet HTML 8Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Model. No.
Rev.
G
B
30
30
100
100
100
100
Color
Min
R
2.00
G
3.20
B
3.20
R
645
G
525
B
468
R
631
G
520
B
470
R
78
G
300
B
115
---
120
---
R
G
B
Page: 3/8
Luminous Intensity
IV
IF = 20mA
IF = 20mA
50% Power Angle
2θ½
IF = 20mA
Deg
nm
mcd
Dominant Wavelength
IF = 20mA
λD
Material
Gold
Silicone
InGaN
/
Material
Gold
VR = 5V
uA
Peak Emission Wavelength
V
nm
Chip
Silicone
■
■
■
■
Material
78
Symbol
IF = 20mA
Symbol
Reflow Soldering:250
℃
/5sec
InGaN
AlGaInP
3.60
Item
Reflector
Wire
Encapsulate
λp
Reverse Current
IR
/
/
Unit
Unit
3.60
Material
Gold
Silicone
10
Condition
VF
Forward Voltage
Note:
2.Pay attention about static for InGaN
1.Luminous Intensity is based on the Foryard standards.
Items
Max
2.60
-40ºC
~
+100ºC
Soldering Temperature
VR
Tsol
5
℃
V
Reverse Voltage
Power Dissipation
Operation Temperature
Topr
Items
Peak Forward Current*
R
30
100
Absolute maximum Rating
IF
-40
º
C
~
+85
º
C
A
IFP
■
■
■
■
Absolute Maximun Ratings(Ta=25
º
º
º
º
C)
*Pulse width
≦
≦
≦
≦
1msec duty
≦
≦
≦
≦
1/10
℃
FYLS-1210RGBC
Model No.
:
:
:
:
FYLS-1210RGBC
Forward Current(DC)
PD
mA
mA
■
■
■
■
Typical Electrical &Optical Charcteristics(Ta=25ºC)
Tstg
Mw
Storage Temperature
Http://www.foryard.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com