Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL620 Datasheet(PDF) 2 Page - International Rectifier

Part # IRL620
Description  Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL620 Datasheet(HTML) 2 Page - International Rectifier

  IRL620 Datasheet HTML 1Page - International Rectifier IRL620 Datasheet HTML 2Page - International Rectifier IRL620 Datasheet HTML 3Page - International Rectifier IRL620 Datasheet HTML 4Page - International Rectifier IRL620 Datasheet HTML 5Page - International Rectifier IRL620 Datasheet HTML 6Page - International Rectifier IRL620 Datasheet HTML 7Page - International Rectifier IRL620 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRL620
Notes:
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
—
—
1.8
V
TJ = 25°C, IS = 5.2A, V GS = 0V
trr
Reverse Recovery Time
—
180
270
ns
TJ = 25°C, IF = 5.2A
Qrr
Reverse Recovery Charge
—
1.1
1.7
µC
di/dt = 100A/µs
ton
Forward Turn-On Time
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
VDD = 50V, starting T J = 25°C, L = 6.9mH
RG = 25Ω, IAS = 5.2A. (See Figure 12)
ISD ≤ 5.2A, di/dt ≤ 120A/µs, V DD ≤ V(BR)DSS,
TJ ≤ 150°C
Pulse width
≤ 300µs; duty cycle ≤ 2%.
Source-Drain Ratings and Characteristics
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
200
—
—
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
—
0.27
—
V/°C
Reference to 25°C, I D = 1mA
—
—
0.80
VGS = 5.0V, ID = 3.1A
—
—
1.0
VGS = 4.0V, ID = 2.6A
VGS(th)
Gate Threshold Voltage
1.0
—
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
1.2
—
—
S
VDS = 50V, ID = 3.1A
—
—
25
VDS = 200V, VGS = 0V
—
—
250
VDS = 160V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
—
—
100
VGS = 10V
Gate-to-Source Reverse Leakage
—
—
-100
VGS = -10V
Qg
Total Gate Charge
—
—
16
ID = 5.2A
Qgs
Gate-to-Source Charge
—
—
2.7
nC
VDS = 160V
Qgd
Gate-to-Drain ("Miller") Charge
—
—
9.6
VGS = 5.0V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
—
4.2
—
VDD = 100V
tr
Rise Time
—
31
—
ID = 9.0A
td(off)
Turn-Off Delay Time
—
18
—
RG = 6.0Ω
tf
Fall Time
—
17
—
RD = 11Ω, See Fig. 10
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
—
360
—
VGS = 0V
Coss
Output Capacitance
—
91
—
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
—
27
—
ƒ = 1.0MHz, See Fig. 5
Intrinsic turn-on time is negligible (turn-on is dominated by L S+LD)
—
—
21
—
—
5.2
A
ns
IDSS
Drain-to-Source Leakage Current
IGSS
LD
Internal Drain Inductance
—
4.5
—
LS
Internal Source Inductance
—
7.5
—
nH
nA
µA
RDS(ON)
Static Drain-to-Source On-Resistance
Ω
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com