Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL620S Datasheet(PDF) 1 Page - International Rectifier

Part # IRL620S
Description  Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL620S Datasheet(HTML) 1 Page - International Rectifier

  IRL620S Datasheet HTML 1Page - International Rectifier IRL620S Datasheet HTML 2Page - International Rectifier IRL620S Datasheet HTML 3Page - International Rectifier IRL620S Datasheet HTML 4Page - International Rectifier IRL620S Datasheet HTML 5Page - International Rectifier IRL620S Datasheet HTML 6Page - International Rectifier IRL620S Datasheet HTML 7Page - International Rectifier IRL620S Datasheet HTML 8Page - International Rectifier IRL620S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 5.0 V
5.2
ID @ TC = 100°C
Continuous Drain Current, VGS @ 5.0 V
3.3
A
IDM
Pulsed Drain Current
21
PD @TC = 25°C
Power Dissipation
50
PD @TA = 25°C
Power Dissipation (PCB Mount)**
3.1
Linear Derating Factor
0.40
Linear Derating Factor (PCB Mount)**
0.025
VGS
Gate-to-Source Voltage
±10
V
EAS
Single Pulse Avalanche Energy
125
mJ
IAR
Avalanche Current
5.2
A
EAR
Repetitive Avalanche Energy
5.0
mJ
dv/dt
Peak Diode Recovery dv/dt
5.0
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
IRL620S
HEXFET® Power MOSFET
PD -9.1218
Revision 0
VDSS = 200V
RDS(on) = 0.80Ω
ID = 5.2A
Absolute Maximum Ratings
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
—
—
2.5
RθJA
Junction-to-Ambient (PCB Mount)**
—
—
40
°C/W
RθJA
Junction-to-Ambient
—
—
62
Surface Mount
Available in Tape & Reel
Dynamic dv/dt Rating
Repetitive Avalanche Rated
Logic-Level Gate Drive
RDS(on) Specified at VGS=4V & 5V
Fast Switching
Third Generation HEXFETs from International Rectifier provide the designer
with the best combination of fast switching, ruggedized device design, low on-
resistance and cost-effectiveness.
The SMD-220 is a surface-mount power package capable of accommodating die
sizes up to HEX-4. It provides the highest power capability and the lowest possible
on-resistance in any existing surface-mount package. The SMD-220 is suitable for
high current applications because of its low internal connection resistance and can
dissipate up to 2.0W in a typical surface-mount application.
Description
A
SMD-220
W
W/°C
°C
** When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques, refer
to Application Note AN-994.
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRL620S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRL620S VISHAY-IRL620S Datasheet
1Mb / 10P
Power MOSFET
30-May-11
IRL620S VISHAY-IRL620S Datasheet
1Mb / 10P
Power MOSFET
13-Sep-2021
logo
International Rectifier
IRL620SPBF IRF-IRL620SPBF Datasheet
1Mb / 9P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRL620SPBF VISHAY-IRL620SPBF Datasheet
1Mb / 10P
Power MOSFET
13-Sep-2021
IRL620STRLPBFA VISHAY-IRL620STRLPBFA Datasheet
1Mb / 10P
Power MOSFET
13-Sep-2021
More results

Similar Description - IRL620S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF9230 IRF-IRF9230 Datasheet
149Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRF9630 IRF-IRF9630 Datasheet
175Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRF9630S IRF-IRF9630S Datasheet
179Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRFD220 IRF-IRFD220 Datasheet
175Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=0.80A)
IRFI620G IRF-IRFI620G Datasheet
173Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.1A)
IRFI9630G IRF-IRFI9630G Datasheet
172Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-4.3A)
IRL620 IRF-IRL620 Datasheet
452Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
IRLI620G IRF-IRLI620G Datasheet
339Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.0A)
IRF620SPBF IRF-IRF620SPBF Datasheet
1Mb / 9P
HEXFET POWER MOSFET (VDSS=200V , RDS(on)=0.80廓 , ID=5.2A )
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com