Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYLS-0603ASGC Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-0603ASGC
Description  SMD led lamp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-0603ASGC Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-0603ASGC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603ASGC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603ASGC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603ASGC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603ASGC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603ASGC Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603ASGC Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603ASGC Datasheet HTML 8Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Model. No.
Rev.
Min.
Tpy.
R
1.90
G
2.10
R
660
G
570
R
645
G
568
R
10
G
14
---
120
---
R
G
Page
: 3/8
Luminous Intensity
Dominant Wavelength
Forward Voltage
VF
nm
nm
IF = 20mA
IF = 20mA
/
Peak Emission Wavelength
50% Power Angle
/
■
■
■
■ Material
Deg
Item
Reflector
uA
λp
λD
IV
mcd
V
2.40
IF = 20mA
IF = 20mA
30
100
78
Max.
2.10
V
Mw
Reflow Soldering:250
℃/5sec
30
100
Http://www.foryard.com
Peak Forward Current*
Tsol
5
℃
G
PD
mA
■
■
■
■ Typical Electrical &Optical Charcteristics(Ta=25ºC)
Tstg
-40ºC
~+100ºC
Soldering Temperature
VR
Storage Temperature
Model No.
:
:
:
:FYLS-0603ASGC
Forward Current(DC)
mA
A
℃
FYLS-0603ASGC
IFP
■
■
■
■ Absolute Maximun Ratings(Ta=25ººººC)
*Pulse width
≦
≦
≦
≦1msec duty≦
≦
≦
≦1/10
Absolute maximum Rating
Power Dissipation
Operation Temperature
Topr
Items
IF
78
-30
ºC~+80ºC
R
Wire
Reverse Voltage
Condition
Symbol
Items
Reverse Current
IR
VR = 5V
Encapsulate
Chip
Material
Gold
Silicone
GaP
Material
Gold
Silicone
AlGaAs
Note:
2.Pay attention about static for InGaN
1.Luminous Intensity is based on the Foryard standards.
2θ½
Symbol
Unit
Unit
10
IF = 20mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com