Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1751 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1751
Description  EMI Filters: Recommendations and measurements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1751 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1751 Datasheet HTML 1Page - STMicroelectronics AN1751 Datasheet HTML 2Page - STMicroelectronics AN1751 Datasheet HTML 3Page - STMicroelectronics AN1751 Datasheet HTML 4Page - STMicroelectronics AN1751 Datasheet HTML 5Page - STMicroelectronics AN1751 Datasheet HTML 6Page - STMicroelectronics AN1751 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AN1751 - APPLICATION NOTE
3/7
2- ESD and latch-up measurements
I/O lines of a cellular phone must be protected against ESD. Most popular ESD standard is the
IEC61000-4-2 having a surge generator defined in
figure 5.
R1
C1
GND
GND
+
+
--
To pin
C2
L1
R2
L2
Fig. 5: IEC61000-4-2 generator and the result on a non protected integrated circuit die.
IEC61000-4-2 specifies C1 charged up to 8kV (contact) and 15kV (air discharge). The MIL-STD 883E
Method 3015.7 is also a reference.
All external pins (bottom connectors, microphone jack…) may be subjected to these kinds of surges. If no
protection is used, result will be the destruction of the internal silicon chip. Destroyed I/O is generally a
short circuit as silicon melt on a very small area as shown in
figure 5.
If ESD protection device is the minimun to prevent failure, layout is also very important as very high dI/dt of
surge will generate a high LdI/dt.
This means even with a protection device, an integrated circuit can be destroyed because of layout
problem.
Figure 6 explains differences between 2 layouts.
L1
L2
L3
L6
V
IC
V
IN
V
CL
Correct layout
L1
L3
L4
L5
L6
V
IC
V
IN
V
CL
L2
Wrong layout
Fig. 6: Two layouts for two very different results.
Knowing all PCB tracks are equivalent to an inductance, in the first case the IC will see a voltage:
VIC = (L1+L2+L3+L4) x dI/dt + VCL
With a track lengh, for protection device connection, of 2 cm (1cm from side to side), 35µ thickness, 0.5mm
wide (microstrip track) then L2+L3 = 8nH
Considering a 15kV ESD surge surge having dI/dt = 50A/0.7ns
The result is VIC = 570V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com