Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1826 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1826
Description  TRANSIENT PROTECTION SOLUTIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1826 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1826 Datasheet HTML 1Page - STMicroelectronics AN1826 Datasheet HTML 2Page - STMicroelectronics AN1826 Datasheet HTML 3Page - STMicroelectronics AN1826 Datasheet HTML 4Page - STMicroelectronics AN1826 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
AN1826
APPLICATION NOTE
®
TRANSIENT PROTECTION SOLUTIONS:
Transil™ diode versus Varistor
AN1826/0104
A. BREMOND / C. KAROUI
Since the seventies, electronic modules are more and more present in our life. This is the case for our
entertainment, automotive, telecommunication, production tools, house access equipment, and it is not
really a secret that these smart functions are very sensitive to transients coming from human body itself
(ESD
1), electromagnetic part switching and industrial transients (EOS2), atmospheric effects (lightning).
These surges are more often lethal for the electronic functions and the constant decrease of silicon
elementary cell size (transistor) makes them more and more compact but more and more fragile.
To assume a correct definition of a protection stage, we have to ask the two following questions :
- what we have to protect?
- against what we have to be protected?
The answer to the first question depends on both the technology used to realize the part to be protected
and normal operating waveform of the signal on the line to be protected. Needed parameters are the
maximum voltage that technology can withstand, the type of normal operating signal (unidirectional : 0-Vcc
or bi-directional : ±Vcc), the maximum and minimum voltages of this signal and its frequency. The answer to
the second one is closely linked to the environment where modules are operating. In each application we
have to focus on one type of disturbances, i.e. in telecom we are faced to atmospheric effects, in domestic
and industrial worlds, disturbances are EOS while in computer or mobile phones, the main surge cause is
due to ESD.
To avoid dramatic consequences on systems submitted to over voltage transients, the best way is to use
protection devices based on clamping action.
In this kind of products we have the choice between two technologies :
- silicon devices named Transil™ - so called TVS
3
- and ceramic components - Varistor for instance.
IPP
IRM
VRM
VBR
V
VCL
I
Fig. 1: Electrical characteristics of bi-directional
clamping devices.
Figure 1 shows the electrical characteristics of a
clamping device, this curve has two areas.
The first one located between 0V axis and VRM
4 is
the normal operating zone; in this area the signal is
not be affected by the transient suppressor (low
leakage current and negligible intrinsic capacitance).
The second one is the surge suppression zone in
which the surge is clamped at VCL
5.
VV
R
I
CL
BR
d
PP
=+
×
VBR
6: knee voltage of the I/V curve
Rd: dynamical resistance.
IPP: current value during surge.


Similar Part No. - AN1826

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN18202A PANASONIC-AN18202A Datasheet
285Kb / 9P
Audio Video SW for TV with multi-signal input output
AN18207A PANASONIC-AN18207A Datasheet
730Kb / 38P
Tuner IC for home-audio stereo set
AN18208A PANASONIC-AN18208A Datasheet
731Kb / 37P
Tuner IC for home-audio stereo set
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
IMPLEMENTATION OF SIGMA-DELTA ADC
Rev. 1.0
AN1828 STMICROELECTRONICS-AN1828 Datasheet
225Kb / 17P
The document explains how to design
Rev. 1.0
More results

Similar Description - AN1826

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDP24A STMICROELECTRONICS-LDP24A Datasheet
44Kb / 5P
LOAD DUMP TRANSIENT PROTECTION
Apr-2000
logo
ON Semiconductor
NUP2201MR6T1G ONSEMI-NUP2201MR6T1G_07 Datasheet
1Mb / 6P
Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
logo
Cooper Bussmann, Inc.
011-9127 COOPER-011-9127 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
IXYS Corporation
IXBOD1-25R IXYS-IXBOD1-25R Datasheet
258Kb / 8P
Transient voltage protection
IXBOD1-30RD IXYS-IXBOD1-30RD Datasheet
258Kb / 8P
Transient voltage protection
logo
Maxim Integrated Produc...
MAX17561EVKIT MAXIM-MAX17561EVKIT Datasheet
437Kb / 10P
Adjustable Overcurrent and Overvoltage Protection Solutions
Rev 0; 6/17
logo
AMAZING Microelectronic...
AZ2015-05R AMAZING-AZ2015-05R Datasheet
136Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2016/08/22
AZ2215-01L AMAZING-AZ2215-01L Datasheet
164Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2225-01L AMAZING-AZ2225-01L Datasheet
213Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
logo
STMicroelectronics
LDP35CA STMICROELECTRONICS-LDP35CA Datasheet
120Kb / 5P
Transient protection load dump
22-Jun-2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com