Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2348 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2348
Description  package description and recommendations for use
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2348 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2348 Datasheet HTML 1Page - STMicroelectronics AN2348 Datasheet HTML 2Page - STMicroelectronics AN2348 Datasheet HTML 3Page - STMicroelectronics AN2348 Datasheet HTML 4Page - STMicroelectronics AN2348 Datasheet HTML 5Page - STMicroelectronics AN2348 Datasheet HTML 6Page - STMicroelectronics AN2348 Datasheet HTML 7Page - STMicroelectronics AN2348 Datasheet HTML 8Page - STMicroelectronics AN2348 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
October 2012
Doc ID 12282 Rev 5
1/17
AN2348
Application note
IPAD™, 400 µm Flip Chip:
package description and recommendations for use
Introduction
This document provides package and usage recommendation information for 400 µm pitch
Flip Chips. For information on 500 µm Flip Chips, see Application note AN1235.
The competitive market of portable equipment, notably the mobile phone market, is driven
by a challenging development of highly integrated products. To allow manufacturers of
portable equipment to reduce the dimension of their products, STMicroelectronics has
developed packages with reduced size, thickness and weight in the form of the Flip Chip.
The electrical performance of such components in Flip Chips is improved thanks to shorter
connections than the ones in standard plastic packages (such as TSSOP, SSOP or BGA).
Figure 1.
Typical Flip-Chip packages
The Flip-Chip package family has been designed to fulfill the same quality levels and the
same reliability performances as standard semiconductor plastic packages. This means
these new Flip-Chip packages should be considered as new surface mount devices which
will be assembled on a printed circuit board (PCB) without any special or additional process
steps required. In particular this package does not require any extra underfill to increase
reliability performances or to protect the device. This package is compatible with existing
pick and place equipment for board mounting. Only lead-free, RoHS compliant Flip Chips
are available in mass production.
This application note addresses the following topics:
■ Product description
■ Mechanical description
■ Packing specifications and labeling description
■ Recommended storage and shipping instructions
■ Soldering assembly recommendations
■ User responsibility and returns
■ Changes
■ Delivery quantity
■ Quality
1
2
3
4
5
E
D
C
B
A
1
A
B
Multi-bump
2-bar
www.st.com


Similar Part No. - AN2348

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2340 STMICROELECTRONICS-AN2340 Datasheet
121Kb / 10P
RPD is a dedicated timing pin for the return from Power Down circuit
24-Sep-2013
AN2341 STMICROELECTRONICS-AN2341 Datasheet
176Kb / 26P
Programming ST10F27x/F25x CAN interrupt drivers
24-Sep-2013
logo
Infineon Technologies A...
AN234119 INFINEON-AN234119 Datasheet
1Mb / 40P
Timer, Counter, and PWM (TCPWM) usage in XMC7000 family
Rev. B 2023-03-22
AN234334 INFINEON-AN234334 Datasheet
2Mb / 59P
KIT_XMC72_EVK XMC7200 evaluation kit guide
2022-03
logo
STMicroelectronics
AN2344 STMICROELECTRONICS-AN2344 Datasheet
885Kb / 27P
Power MOSFET avalanche characteristics and ratings
02-Aug-2006
More results

Similar Description - AN2348

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN1580 MOTOROLA-AN1580 Datasheet
126Kb / 4P
MOUNTING AND SOLDERING RECOMMENDATIONS FOR THE MOTOROLA POWER FLAT PACK PACKAGE
logo
Alpha & Omega Semicondu...
AO3410 AOSMD-AO3410 Datasheet
110Kb / 1P
PACKAGE MARKING DESCRIPTION
AOTF472 AOSMD-AOTF472 Datasheet
117Kb / 1P
PACKAGE MARKING DESCRIPTION
logo
STMicroelectronics
AN1235 STMICROELECTRONICS-AN1235 Datasheet
257Kb / 14P
package description and recommendations for use
19-Oct-2012
AN4208 STMICROELECTRONICS-AN4208 Datasheet
288Kb / 16P
package description and recommendations for use
05-Aug-2013
TN1200 STMICROELECTRONICS-TN1200 Datasheet
286Kb / 16P
package description and recommendations for use
10-Dec-2014
AN2639 STMICROELECTRONICS-AN2639 Datasheet
522Kb / 15P
Soldering recommendations and package information for Lead-free ECOPACK microcontrollers
07-Jul-2014
TN0991 STMICROELECTRONICS-TN0991 Datasheet
727Kb / 21P
Description of WLCSP for STMicroelectronics EEPROMs and recommendations for use
23-Jul-2013
TN1163 STMICROELECTRONICS-TN1163 Datasheet
651Kb / 21P
Description of WLCSP for microcontrollers and recommendations for use
25-Jun-2014
TN1171 STMICROELECTRONICS-TN1171 Datasheet
580Kb / 26P
Description of UFDFPN5, UFDFPN8 and WFDFPN8 for STMicroelectronics EEPROMs and recommendations for use
25-Nov-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com