Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2421 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2421
Description  Using the STMPE801 as a keypad controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2421 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2421 Datasheet HTML 1Page - STMicroelectronics AN2421 Datasheet HTML 2Page - STMicroelectronics AN2421 Datasheet HTML 3Page - STMicroelectronics AN2421 Datasheet HTML 4Page - STMicroelectronics AN2421 Datasheet HTML 5Page - STMicroelectronics AN2421 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
November 2006
Rev 1
1/6
AN2421
Application note
Using the STMPE801 as a keypad controller
Introduction
STMPE801 is an 8-bit general purpose port expander device in the STMicroelectronics Port
Expander Logic family. Its eight GPIOs (General Purpose Input Output) are connected to the
host system using a standard I2C connection.
This application note explains how to control an 8*8 (64-key) matrix keypad using the 8
internal GPIOs of a base-band processor and the 8 GPIOs of the STMPE801 port expander.
The simplified schematic is shown below.
Schematic for using STMPE801 as a keypad controller
Baseband
BB_GPIO
STMPE801
801_GPIO
SDAT
SCLK
INT
RST
8*8
Keypad
www.st.com


Similar Part No. - AN2421

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
AN24 COPAL-AN24 Datasheet
107Kb / 9P
W-6237EVAL2 EVALUATION BOARD FOR W-6237
logo
List of Unclassifed Man...
AN240 ETC2-AN240 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
STMicroelectronics
AN2400 STMICROELECTRONICS-AN2400 Datasheet
446Kb / 23P
Audio player evaluation board based on ST7Lite
10-Nov-2006
AN2406 STMICROELECTRONICS-AN2406 Datasheet
152Kb / 5P
TS4962IQ class D audio amplifier
12-Apr-2007
logo
Freescale Semiconductor...
AN2407 FREESCALE-AN2407 Datasheet
556Kb / 48P
Reed Solomon Encoder/Decoder on the StarCore SC140/SC1400 Cores, With Extended Examples
More results

Similar Description - AN2421

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN123 SILABS-AN123 Datasheet
258Kb / 16P
USING THE DAC AS A FUNCTION GENERATOR
logo
Fairchild Semiconductor
AN-996 FAIRCHILD-AN-996 Datasheet
198Kb / 2P
Using the Fairchild FST Bus Switch as a 5V to 3V Translator
logo
Texas Instruments
SNOA565 TI1-SNOA565 Datasheet
1Mb / 13P
AN-2177 Using the LMH6554 as a ADC Driver
logo
STMicroelectronics
AN3299 STMICROELECTRONICS-AN3299 Datasheet
223Kb / 13P
A hardware and software guide for the STMPE801
04-Nov-2010
AN2442 STMICROELECTRONICS-AN2442 Datasheet
227Kb / 22P
Using the STR91xFA DMA controller
02-Jun-2008
AN2641 STMICROELECTRONICS-AN2641 Datasheet
424Kb / 37P
Using the color LCD controller
29-Oct-2009
AN4031 STMICROELECTRONICS-AN4031 Datasheet
1Mb / 36P
Using the STM32F2 and STM32F4 DMA controller
04-Feb-2014
AN4104 STMICROELECTRONICS-AN4104 Datasheet
96Kb / 13P
Using the STM32F0xx DMA controller
02-May-2012
logo
Texas Instruments
LM8330 TI1-LM8330 Datasheet
1Mb / 55P
Compatible Keypad Controller
logo
Tyco Electronics
408-10096 MACOM-408-10096 Datasheet
511Kb / 2P
Using a 5mm hex wrench, install the mounting bracket on the servo terminator as shown in Figure 2.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com