Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2451 Datasheet(PDF) 49 Page - STMicroelectronics

Part # AN2451
Description  ST7540 FSK powerline transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2451 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN2451 Datasheet HTML 45Page - STMicroelectronics AN2451 Datasheet HTML 46Page - STMicroelectronics AN2451 Datasheet HTML 47Page - STMicroelectronics AN2451 Datasheet HTML 48Page - STMicroelectronics AN2451 Datasheet HTML 49Page - STMicroelectronics AN2451 Datasheet HTML 50Page - STMicroelectronics AN2451 Datasheet HTML 51Page - STMicroelectronics AN2451 Datasheet HTML 52Page - STMicroelectronics AN2451 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
AN2451
Troubleshooting
Doc ID 12791 Rev 3
49/55
8
Troubleshooting
In this section the most frequently asked questions are described.
1.
Problem: the ST7540 reference design board does not work at all.
What to check:
a)
Check that the AC mains supply cable is well connected to CN1.
b)
Check if the green LED D6 is on.
c)
Check the voltage on the Vcc test pad. The value must be about 12 V.
2.
Problem: the ST7540 reference design board is not responding.
What to check:
a)
Check the VDC voltage. The value must be about 5 V. In a noisy environment,
spurious voltage spikes could compromise the internal linear regulator startup.
b)
If Vdd is not externally connected to the VDC line, verify the Vdd voltage. The
value must be about 3.3 V.
c)
Check if the MCLK selected frequency is present.
d)
Check the connection between the reference design board and the
EVALCOMMBOARD and the connection between the EVALCOMMBOARD and
the PC.
3.
Problem: the ST7540 reference design board does not transmit.
What to check:
a)
Check the voltage on the PA_OUT test pad with the oscilloscope ground probe
connected to the SVss signal ground. The programmed carrier frequency must be
present on the PA_OUT line.
b)
Check there is no short-circuit impedance on the mains at the transmitting
frequency.
c)
Check the CL voltage. It fixes the current limiting threshold. It has to be lower than
1.9 V, otherwise the IC is put in current-limit mode.
If the current-limit mode is forced on the transceiver, modify the value of the R6 feedback
resistor to exit from limitation according to the actual load forced by the mains network.
4.
Problem: the ST7540 reference design board transmits only for a short time.
What to check:
a)
Check the transmission timeout setting. It has to be disabled for continuous
transmission.
b)
Check if continuous or single sequence transmission is selected in the Tx panel of
the ST7540 powerline modem demonstration kit window. Select continuous mode
to be able to force a lasting transmission.
c)
Check there is no short-circuit impedance on the mains at the selected
transmitting channel.
5.
Problem: the ST7540 reference design board does not receive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com