Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0457 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0457
Description  How to use the BT_HTS_RX_R2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0457 Datasheet(HTML) 6 Page - STMicroelectronics

  UM0457 Datasheet HTML 1Page - STMicroelectronics UM0457 Datasheet HTML 2Page - STMicroelectronics UM0457 Datasheet HTML 3Page - STMicroelectronics UM0457 Datasheet HTML 4Page - STMicroelectronics UM0457 Datasheet HTML 5Page - STMicroelectronics UM0457 Datasheet HTML 6Page - STMicroelectronics UM0457 Datasheet HTML 7Page - STMicroelectronics UM0457 Datasheet HTML 8Page - STMicroelectronics UM0457 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Appendix
BT_HTS_RX_R2
6/9
3
Appendix
3.1
FFT result with analog dongle (STM reference: STM529AD)
Here are the results of testing the STM analog dongle (reference: STM529AD) with a 1-kHz,
2.36-V RMS (max) sine-wave input and 1.0-Vpp line out.
Figure 6.
FFT result on Bluetooth analog dongle
Input signal Vrms=2.36v (max)
Line out Vpp=1v
SNR=73dB(A weighting),(600ohms)
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
V
20
20k
50
100
200
500
1k
2k
5k
10k
Hz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com