Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0546 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0546
Description  Evaluation board for ABS valve drivers system
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0546 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0546 Datasheet HTML 1Page - STMicroelectronics UM0546 Datasheet HTML 2Page - STMicroelectronics UM0546 Datasheet HTML 3Page - STMicroelectronics UM0546 Datasheet HTML 4Page - STMicroelectronics UM0546 Datasheet HTML 5Page - STMicroelectronics UM0546 Datasheet HTML 6Page - STMicroelectronics UM0546 Datasheet HTML 7Page - STMicroelectronics UM0546 Datasheet HTML 8Page - STMicroelectronics UM0546 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
UM0546
Evaluation board description
Doc ID 14680 Rev 2
5/18
2
Evaluation board description
The PTB801DB is a valve drivers board for ABS and ESC system based on
STMicroelectronics devices. The board implements a flexible and open design
demonstrating the capability of the STMicroelectronics for ABS and ESC applications. The
PTB801DB mounts two L9347 and L9352B devices, the control caming from PTB801 MB.
The board has opened connectivity to external valves.
2.1
Features
General features of this board are:
●
Full evaluation and development system based on the system basis chip L9347 and
L9352B
●
Full system evaluation: integration, basic and safety functionalities
2.1.1
L9347 quad intelligent power low-side switch
The L9347 is an integrated quad low-side power switch to drive inductive loads like valves
used in ABS systems. Two of the four channels are current regulators with current range
from 250 mA to 2.25 A and an accuracy of 10 %. All channels are protected against fail
functions. They are monitored by a status output.
.
Figure 1.
L9347 pin connection (top view)
36
N.C.
35
IN3
ST4
34
PGND3
33
32
PGND3
Q3
31
Q3
30
29
D3
D3
28
Q2
27
26
Q2
PGND2
25
PGND2
24
23
VS
VDD
22
VCC
21
20
IN2
ST1
19
GND
1
IN4
2
3
ST3
PGND4
4
PGND4
5
6
Q4
Q4
7
D4
8
9
D4
Q1
10
Q1
11
12
PGND1
PGND1
13
EN
14
15
CLK
IN1
16
ST2
17
18
TEST
99AT0060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com