Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0547 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0547
Description  evaluation board for ABS valve drivers system
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0547 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0547 Datasheet HTML 1Page - STMicroelectronics UM0547 Datasheet HTML 2Page - STMicroelectronics UM0547 Datasheet HTML 3Page - STMicroelectronics UM0547 Datasheet HTML 4Page - STMicroelectronics UM0547 Datasheet HTML 5Page - STMicroelectronics UM0547 Datasheet HTML 6Page - STMicroelectronics UM0547 Datasheet HTML 7Page - STMicroelectronics UM0547 Datasheet HTML 8Page - STMicroelectronics UM0547 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
UM0547
Evaluation board description
Doc ID 14682 Rev 2
5/13
2
Evaluation board description
The PTB801DC is a valve drivers board for ABS system based on STMicroelectronics
devices. The board implements a flexible and open design demonstrating the capability of
the STMicroelectronics for ABS applications. The PTB801DC mounts two L9349 devices,
the control coming from UN24 mother board.
The board has opened connectivity to external valves.
2.1
Features
General features of this board are:
●
Full evaluation and development system based on the system basis chip L9349
●
Full system evaluation: integration, basic and safety functions
2.1.1
L9349 quad intelligent power low-side switch
The L9349 is a monolithic integrated quad low side driver realized in an advanced
BCDmultipower mixed technology. The device is intended to drive valves in automotive
environment.
The L9349 is a quad low-side driver with following functions:
●
Quad power low side driver with 2 x 5 A and 2 x 3 A output current capability
●
Low RDSON typically 200 mand 300 m@ Tj = 25 °C
●
Internal output clamping structures with VFB = 50V for fast inductive load current
recirculation
●
Limited output voltage slew rate for low EMI
●
Protected µP compatible enable and input
●
Wide operating supply voltage range 4.5 V to 32 V
Figure 1.
L9349 pin connection (top view)
20
PGND
19
OUT4
D4
18
IN1
17
16
EN
GND
15
IN2
14
13
D3
OUT3
12
PGND
11
PGND
1
OUT1
2
3
D1
IN4
4
VS
5
6
NC
IN3
7
D2
8
9
OUT2
PGND
10
00AT0026
Heat sink connected
to pins 1, 10, 11, 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com