Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0563 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0563
Description  L9952GXP software driver user manual
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0563 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0563 Datasheet HTML 5Page - STMicroelectronics UM0563 Datasheet HTML 6Page - STMicroelectronics UM0563 Datasheet HTML 7Page - STMicroelectronics UM0563 Datasheet HTML 8Page - STMicroelectronics UM0563 Datasheet HTML 9Page - STMicroelectronics UM0563 Datasheet HTML 10Page - STMicroelectronics UM0563 Datasheet HTML 11Page - STMicroelectronics UM0563 Datasheet HTML 12Page - STMicroelectronics UM0563 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
UM0563
Architecture of the L9952GXP software driver
9/46
3.2
L9952GXP software driver error detection
Errors are detected in the software driver by checking library usage at runtime (see
flowchart in Figure 5).
When the L9952DRV_DEV_ERROR_DETECT preprocessor switch is defined, the
L9952GXP software driver function checks the initialization status of the library and the
value range of the input parameters at runtime. If an error is detected, the
L9952drv_ReportError() function is called.
Inside the L9952drv_ReportError() function, the
L9952DRV_DEV_ERROR_DETECT_EXEC_CONTINUE switch allows the user to define
the behavior of the library function.
If the L9952DRV_DEV_ERROR_DETECT_EXEC_CONTINUE switch is not activated, the
library function is terminated immediately.
If the L9952DRV_DEV_ERROR_DETECT_EXEC_CONTINUE switch is defined, the
function body of the library function is executed after exiting the L9952drv_ReportError()
function.
Figure 5.
Error detection flowchart of the software driver
L9952DRV_DEV_
ERROR_DETECT
defined ?
Error found ?
L9952DRV_DEV_ERROR_
DETECT_EXEC_CONTINUE
defined?
Check input
parameters
Return
Function body
Yes
Yes
No
Yes
Start of
L9952GXP
function
L9952drv_Report
Error ()
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com