Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1524 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1524
Description  This document describes the functions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1524 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1524 Datasheet HTML 25Page - STMicroelectronics UM1524 Datasheet HTML 26Page - STMicroelectronics UM1524 Datasheet HTML 27Page - STMicroelectronics UM1524 Datasheet HTML 28Page - STMicroelectronics UM1524 Datasheet HTML 29Page - STMicroelectronics UM1524 Datasheet HTML 30Page - STMicroelectronics UM1524 Datasheet HTML 31Page - STMicroelectronics UM1524 Datasheet HTML 32Page - STMicroelectronics UM1524 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Appendix C
Bill of material
Table 13.
BOM list
Category
Reference
designator
Component
description
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part
number
Supplier
Supplier ordering
code
ST devices
U1
STPM metering engine
TSSOP20
STMicroelectronics
STPM10BTR
STPM10BTR
U2
STM8L microcontroller
LQFP48
STMicroelectronics
STM8L152C6T6
STM8L152C6T6
U3
EEPROM 32 Kb
SO8
STMicroelectronics
M24C32-RMN6TP
M24C32-RMN6TP
U5
Voltage reference
TO92
STMicroelectronics
TL431AIZ
TL431AIZ
D5,D11,D12,
D13, D14
Small signal diode
SOD-523
STMicroelectronics
BAT30KFILM
BAT30KFILM
D6,D7
Diode Schottky 40 V
1 A
DO-41
STMicroelectronics
1N5819
1N5819
Crystal and
oscillator
Y1
4194.304 kHz oscillator
2-pin (3. 5 mm)
ECS Inc
ECS-42-12-4X
Digi-Key
X1046-ND
Y2
32.768 kHz oscillator
2-pin (cylindrical)
Abracon
Corporation
AB26T-32.768KHZ
Digi-Key
535-9032-ND
Connectors
and jumpers
J1
Swim connector (SMT,
4-pin, 1.27 mm pitch)
SMD
ERNI
ERNI
ERNI
284697
J2
3-pin connector
3-pin (2.54 mm)
Any
J4,J5
4-pin connector
4-pin (2.54 mm)
Any
J6
2-pin connector
2-pin (2.54 mm)
Any
J7
10-way, 2x5 pins
2x5 (2.54 mm)
Any
LEDs
D10
LED
Leaded (3 mm)
HLMP-K150
Digi-Key
516-1311-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com