Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1529 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1529
Description  This document describes the functioning
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1529 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1529 Datasheet HTML 27Page - STMicroelectronics UM1529 Datasheet HTML 28Page - STMicroelectronics UM1529 Datasheet HTML 29Page - STMicroelectronics UM1529 Datasheet HTML 30Page - STMicroelectronics UM1529 Datasheet HTML 31Page - STMicroelectronics UM1529 Datasheet HTML 32Page - STMicroelectronics UM1529 Datasheet HTML 33Page - STMicroelectronics UM1529 Datasheet HTML 34Page - STMicroelectronics UM1529 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Resistors
R31
47
Ω
SMD0805
Any
R38
5.1
Ω
SMD0805
Any
R39
10E, 2 W
Leaded
Vishay/BC
Components
PR02000201500JR500
Digi-Key
PPC150W-2CT-ND
R40
8 k
Ω
SMD0805
Any
R45
27E, 5 W
R48
12 k
Ω
SMD0805
Any
Inductors
L1
220 µH
SMD
Panasonic -
ECG
ELJ-FB221JF
Digi-Key
PCD1469CT-ND
L2, L3
1 µH
SMD
Panasonic -
ECG
ELJ-FC1R0JF
Digi-Key
PCD1228CT-ND
Diode
D1,D2,D3,D4,
DIODE GPP 1A
1000 V DO41
Leaded
Fairchild
Semiconductor
1N4007
Digi-Key
1N4007FSCT-ND
Misc.
components
U6
Infrared transceiver
module (SIR, 115.2
kbit/s)
SMD-8-pin
Vishay
Electronics
TFDU6300-TR3
Digi-Key
751-1082-1-ND
U4
Micropower
omnipolar Hall-
effect sensor
switch
SC-59-3L
Diodes Inc.
AH180_SC59-3L
Digi-Key
AH180-WGDICT-ND
SW1
RESET switch for
micro
Leaded
Tyco
Electronics
1555986
Farnell
FSM10JH
SW2
CASE TAMPER
switch
Leaded
Tyco
Electronics
1555986
Farnell
FSM10JH
Table 13.
BOM (continued)
Category
Reference
designator
Component
description
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part number
Supplier
Supplier ordering
code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com