Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1554 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1554
Description  This document describes the functioning
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1554 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1554 Datasheet HTML 1Page - STMicroelectronics UM1554 Datasheet HTML 2Page - STMicroelectronics UM1554 Datasheet HTML 3Page - STMicroelectronics UM1554 Datasheet HTML 4Page - STMicroelectronics UM1554 Datasheet HTML 5Page - STMicroelectronics UM1554 Datasheet HTML 6Page - STMicroelectronics UM1554 Datasheet HTML 7Page - STMicroelectronics UM1554 Datasheet HTML 8Page - STMicroelectronics UM1554 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
UM1554
Features
Doc ID 023381 Rev 1
5/34
1
Features
The single-phase energy meter has the following features:
●
Low cost single-phase energy meter solution
●
Supports IEC 61036:1996 + A1: 2000, static meter for active energy classes 1 for
Ib=10 A
●
Less than 4 VA power consumption for voltage circuit at reference voltage
●
Less than 1 VA power consumption for current circuit at reference basic current
●
Multiple tamper detection: earth, neutral missing, reverse, case tamper, magnetic
tamper detection
●
Case tamper detection in power-down also
●
Detects, signals and continues to measure accurately under tamper condition
●
Rechargeable battery is available onboard for showing LCD parameters in case of
power-down mode
●
Active energy pulse output 1600 impulses/kWh
●
Software based auto-calibration without the need of reference meter, only reference
source is required
●
Microcontroller in-built RTC for date and time display
●
Microcontroller STM8L152C6T6 is responsible for all the data management, display
and power management
●
STPM metering IC with 1st order sigma-delta ADC for energy measurements.
●
Single point and fast calibration of STPM for class 1 meter
●
External EEPROM used to store calibration parameters, tampering information,
cumulative energy, MD and power factor (PF) data
●
Active power, current, voltage, power factor and line frequency measurements
●
Numeric display precision (except cumulative energy): 5+2 digits
●
Numeric display precision for cumulative energy: 5+1 digits
●
Energy EEPROM log precision: 0.01 kWh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com