Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1557 Datasheet(PDF) 90 Page - STMicroelectronics

Part # UM1557
Description  The aim of this document is to give the design engineer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1557 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button UM1557 Datasheet HTML 86Page - STMicroelectronics UM1557 Datasheet HTML 87Page - STMicroelectronics UM1557 Datasheet HTML 88Page - STMicroelectronics UM1557 Datasheet HTML 89Page - STMicroelectronics UM1557 Datasheet HTML 90Page - STMicroelectronics UM1557 Datasheet HTML 91Page - STMicroelectronics UM1557 Datasheet HTML 92Page - STMicroelectronics UM1557 Datasheet HTML 93Page - STMicroelectronics UM1557 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 111 page
background image
Operation with AMICO
UM1557
90/111
Doc ID 023521 Rev 2
Case 1: no new activation of any HSD during the off-state diagnostic
Let’s consider the case where no new activation (i.e. no SPI write command to address
Ox01 of AMICO’s control register) of any HSD occurs while the FR_Stby pin is set to High
(Figure 62).
–
No inrush current occurs and the diagnostic in off-state has no side effect on any
channel.
Figure 62.
No new activation while Fr_Stby is High
Case 2: inrush current of a HSD during the off-state diagnostic
Let’s consider now the case where a new activation of one or several HSDs occurs while the
FR_Stby pin is set to High. In this case the channels which operate in power limitation are
latched off by the HSD itself (Figure 63).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com