Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1599 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1599
Description  The STPM01 and STPM1x evaluation software
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1599 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1599 Datasheet HTML 2Page - STMicroelectronics UM1599 Datasheet HTML 3Page - STMicroelectronics UM1599 Datasheet HTML 4Page - STMicroelectronics UM1599 Datasheet HTML 5Page - STMicroelectronics UM1599 Datasheet HTML 6Page - STMicroelectronics UM1599 Datasheet HTML 7Page - STMicroelectronics UM1599 Datasheet HTML 8Page - STMicroelectronics UM1599 Datasheet HTML 9Page - STMicroelectronics UM1599 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Application menu
UM1599
6/17
DocID024146 Rev 1
4
Application menu
4.1
File
From the “File” menu it is possible to:
•
Open: open an existing .stpm file with configuration parameters
•
Save: save the configuration in the current .stpm file
•
Save as: save a new .stpm configuration file containing:
–
Configuration bits
–
Application parameters (see Section 4.2 below)
•
Exit: quit the application
4.2
Options
•
Interface: to open the communication with the device, select the proper hardware
interface:
–
Parallel: for the parallel hardware interface coming with the demonstration board
–
Serial: if STEVAL-IPE023V1 is used
•
Configuration
This form allows the application and the IO port configuration. Use the “OK” button to save
and close form, “Apply” to save only and “Cancel” to exit without applying changes.
–
Application: to correctly transform data coming from the device into meaningful
values, the basic parameters of the board have to be configured, like resistors of
the voltage divider, current sensor sensitivity, voltage and channel amplification
gains.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com