Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1719 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM1719
Description  The STPM3x evaluation software
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1719 Datasheet(HTML) 4 Page - STMicroelectronics

  UM1719 Datasheet HTML 1Page - STMicroelectronics UM1719 Datasheet HTML 2Page - STMicroelectronics UM1719 Datasheet HTML 3Page - STMicroelectronics UM1719 Datasheet HTML 4Page - STMicroelectronics UM1719 Datasheet HTML 5Page - STMicroelectronics UM1719 Datasheet HTML 6Page - STMicroelectronics UM1719 Datasheet HTML 7Page - STMicroelectronics UM1719 Datasheet HTML 8Page - STMicroelectronics UM1719 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Getting started
UM1719
4/18
DocID025787 Rev 1
2
Getting started
2.1
Application setup
The setup file guides through the software installation. Double-click on the setup file to start
the installation (Figure 2) and follow the guided process.
Figure 2. Welcome
Application setup may also install virtual com drivers for the STEVAL-IPE023V1 USB
interface.
Note:
In the application folder, the file STPMxxProg.dfu is also downloaded. If the USB interface is
used, its firmware must be updated by DfuSe application (http://www.st.com).
2.2
Hardware setup
In case of parallel programmer, to communicate with the device through the evaluation
software, follow below steps:
1.
Connect the evaluation board to the parallel programmer
2.
Connect the programmer to the PC through a parallel cable
3.
Power on the evaluation board
In case of USB interface (STEVAL-IPE023V1), follow below procedure:
1.
Plug the USB port in the PC
2.
Do not power on the STPM3x board
3.
While the red led is lighted, connect the STPM3x board to the USB interface
This procedure assures that the STPM3x SPI (instead of UART) communication interface is
correctly selected when the device starts up.
GIPGLM0801141239



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com