Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3213 Datasheet(PDF) 54 Page - STMicroelectronics

Part # AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 50Page - STMicroelectronics AN3213 Datasheet HTML 51Page - STMicroelectronics AN3213 Datasheet HTML 52Page - STMicroelectronics AN3213 Datasheet HTML 53Page - STMicroelectronics AN3213 Datasheet HTML 54Page - STMicroelectronics AN3213 Datasheet HTML 55Page - STMicroelectronics AN3213 Datasheet HTML 56Page - STMicroelectronics AN3213 Datasheet HTML 57Page - STMicroelectronics AN3213 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
FAQs and troubleshooting
AN3213
54/64
Doc ID 17429 Rev 1
9
FAQs and troubleshooting
In this section the most frequently asked questions and the solution to common ST7570
demonstration board usage problems are described.
9.1
FAQs
●
Q: Is it possible to use ST power line transceivers on a medium or high voltage AC line?
–
A: Yes. The same circuit solution as for a low voltage AC line can be used,
provided that coupling interface (and particularly line transformer, power inductor
and Y2 capacitor) guarantees an adequate and safe isolation from the AC line.
●
Q: Is it possible to use the ST7570 on a DC or de-energized line?
–
A: No, the ST7570 device requires the 50-60 Hz zero crossing detection to work.
●
Q: Which kind of protocols can be used with the ST7570?
–
A: The embedded PHY and MAC protocol layers are mainly designed, but not
limited, to interface with a IEC61334-4-32 compliant Logic Link Control (LLC) layer
in applications targeting DLMS/COSEM, a widely-used European standard for the
application layer of meters.
●
Q: Does the ST7570 demonstration board meet FCC part 15 specs?
–
A: Yes. In fact, the EN50065 normative compliance intrinsically guarantees the
compliance with FCC part 15 regulations as well.
●
Q: What distance can a PLC signal cover?
–
A: Given a transmitted signal level of 2.5 V rms, at 1200 baud the ST7570 device
is able to transmit through a channel attenuating up to 84 dB. This means that in a
point-to-point link a distance of several km can be covered, according to the
characteristics of the line. Nevertheless, the allowable distance can be reduced
because of noisy devices and low-impedance loads connected on the power line;
such elements impact on the actual SNR seen by the receiver.
●
Q: Why with power line communication can I not get 100 % reachability even though
the range is a few meters?
–
A: A probability lower than 100 % to reach a PLC node within such a small
distance can depend on two main factors:
a)
attenuation or losses on the power line (for example because of some heavy
capacitive load connected close to the transmitter)
b)
noise coming from electric or electronic equipment connected on the power line
(for example SMPS, ballasts, or motors).
It can be useful to measure the signal level at transmitter and receiver to
understand if there are undesired losses. It is also important to measure the noise
level and spectral distribution to see whether the PLC channel is somehow
“jammed” by noise.
●
Q: Does the power line communication work if a power distribution transformer is
present between two nodes?
–
A: The communication could work, but the transformer impedance at the signal
frequency must be taken into account, as it could introduce strong attenuation in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com