Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3372 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN3372
Description  This note describes digital ballast for 70 W HID lamps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3372 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN3372 Datasheet HTML 22Page - STMicroelectronics AN3372 Datasheet HTML 23Page - STMicroelectronics AN3372 Datasheet HTML 24Page - STMicroelectronics AN3372 Datasheet HTML 25Page - STMicroelectronics AN3372 Datasheet HTML 26Page - STMicroelectronics AN3372 Datasheet HTML 27Page - STMicroelectronics AN3372 Datasheet HTML 28Page - STMicroelectronics AN3372 Datasheet HTML 29Page - STMicroelectronics AN3372 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
ST7 microcontroller application pin use
AN3372
26/37
Doc ID 018625 Rev 1
Figure 19.
PFC OC circuitry
●
Pin 29: general purpose input-output pin. This pin is used to switch on a green LED
indicating that all the electrical parameters are in the right range and the board is
working.
●
Pin 30: low side input MCU PWM1. Output used to drive half bridge low-side gate
driver.
●
Pin 31: CSO general purpose input-output pin. This pin is used to switch off all the
circuit if the voltage on this pin is high.
●
Pin 32: general purpose input-output pin. This pin is used to generate low frequency
signal for half bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com