Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4018 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4018
Description  Data link communication protocol for the ST7580 power line
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4018 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4018 Datasheet HTML 12Page - STMicroelectronics AN4018 Datasheet HTML 13Page - STMicroelectronics AN4018 Datasheet HTML 14Page - STMicroelectronics AN4018 Datasheet HTML 15Page - STMicroelectronics AN4018 Datasheet HTML 16Page - STMicroelectronics AN4018 Datasheet HTML 17Page - STMicroelectronics AN4018 Datasheet HTML 18Page - STMicroelectronics AN4018 Datasheet HTML 19Page - STMicroelectronics AN4018 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Service description
AN4018
16/23
DocID022544 Rev 3
Description:
This service is used by the application layer to erase the MIB object information.
It is possible to use this service only for the MIB object with the following index: 0x06, 0x07,
0x08.
Input parameters:
•
MIBindex: index of MIB object, (see Table 1).
Output parameters:
None.
Return value:
Status or error value, (see Table 2).
4.5.4
MIB parameters
Table 1. MIB object index
Index
Name
Length (byte)
R/W/E
00h
Modem configuration
1
R/W
01h
PHY configuration
14
R/W
02h
SS key
16
R/W
03h
Reserved
1
R
04h
Last data indication
4
R
05h
Last TX confirm
5
R
06h
PHY_Data
10
R/E
07h
DL_Data
12
R/E
08h
SS_Data
10
R/E
09h
Host interface timeout
3
R/W
0Ah
Firmware version
4
R
Table 2. Service return values
Value
Description
DL_BUSY
Data link is busy with another process, the service can’t be performed
DL_WAIT
Wait state, the service is in execution phase
DL_TIMEOUT
This is an error timeout, the service failed due to timeout
DL_ERROR
Generic error. Service failed
DL_OK
Service processed correctly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com