Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4274 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4274
Description  The serial communication driver between
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4274 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4274 Datasheet HTML 4Page - STMicroelectronics AN4274 Datasheet HTML 5Page - STMicroelectronics AN4274 Datasheet HTML 6Page - STMicroelectronics AN4274 Datasheet HTML 7Page - STMicroelectronics AN4274 Datasheet HTML 8Page - STMicroelectronics AN4274 Datasheet HTML 9Page - STMicroelectronics AN4274 Datasheet HTML 10Page - STMicroelectronics AN4274 Datasheet HTML 11Page - STMicroelectronics AN4274 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Serial communication layer
AN4274
8/13
DocID024358 Rev 1
The application layer can send frames to PLM only when the FSM return state is "M_IDLE.
If the data sent to FSM is valid, the FSM return state is "M_FRAME_RECEIVED".
M_FRAME_NOT_CONFIRMED
0Eh
4
The data sent to PLM is not confirmed
(error state).
M_WAIT_CONFIRM
0Fh
4
The FSM waits for the confirmed
command from PLM.
M_TO_ELAPSED
10h
1-3-4
Timeout elapsed (error state).
Table 1. FSM return values (continued)
Name
Value
FSM state
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com