Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4356 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4356
Description  Antenna desense on handheld equipment
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4356 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4356 Datasheet HTML 4Page - STMicroelectronics AN4356 Datasheet HTML 5Page - STMicroelectronics AN4356 Datasheet HTML 6Page - STMicroelectronics AN4356 Datasheet HTML 7Page - STMicroelectronics AN4356 Datasheet HTML 8Page - STMicroelectronics AN4356 Datasheet HTML 9Page - STMicroelectronics AN4356 Datasheet HTML 10Page - STMicroelectronics AN4356 Datasheet HTML 11Page - STMicroelectronics AN4356 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Solution to avoid antenna desense
AN4356
8/14
DocID025260 Rev 1
The key points on the selection criteria for a common mode filter are:
•
High common mode rejection in the targeted frequency range; but at the same time,
high common mode bandwidth to be invisible in case of embedded signals (clock
signal for example in MHL standard)
•
High differential bandwidth to drive the high data rate signals without distortion
•
Low DC resistance to ensure lossless signal and impedance matching (TDR)
Another interesting characteristic is integrated ESD protection. The common mode filter is
often close to digital devices sensitive to ESD surges or close to connectors in direct
relationship with potential ESD strikes. This solution allows easier routing, space saving and
reduced assembly cost.
STMicroelectronics provides a wide range of products dedicated for all high-speed links
including all these features.
As an example, Figure 11 shows the common mode rejection offered by an
ECMF02-3HSM6. This device is dedicated to the MHL link and offers an integrated
protection for the ID pin. The better rejection area is centered on 900 MHz
Figure 11. ECMF02-3HSM6 common mode rejection versus frequency
Other devices offer a higher common mode bandwidth and a wider rejection band
(Figure 12). This one is suitable for example if there is some antenna desense issues at the
GPS frequency (1.575 GHz).
0
-5
-10
-15
-20
-25
-30
-35
-40
10 M
30 M
100 M
300 M
1 G
3 G
S21 (dB)
I-O
F (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com