Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVG612 Datasheet(PDF) 2 Page - International Rectifier

Part # PVG612
Description  Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVG612 Datasheet(HTML) 2 Page - International Rectifier

  PVG612 Datasheet HTML 1Page - International Rectifier PVG612 Datasheet HTML 2Page - International Rectifier PVG612 Datasheet HTML 3Page - International Rectifier PVG612 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series PVG612 — HEXFET® Photovoltaic Relay
INPUT CHARACTERISTICS
Limits
Units
Minimum Control Current (see figure 1)
5.0
mA
Maximum Control Current for Off-State Resistance @ TA = +25°C
0.4
mA
Control Current Range (Caution: current limit input LED, see figure 6)
5.0 to 25
mA
Maximum Reverse Voltage
7.0
V
OUTPUT CHARACTERISTICS
Limits
Units
Operating Voltage Range
0 to ±60
V(DC or AC peak)
Maximum Load Current @ TA = +40°C, 10mA Control (see figure 1)
A Connection
1.0
A (AC or DC)
B Connection
1.5
A (DC)
C Connection
2.0
A (DC)
Maximum Pulsed Load Current @ TA =+25°C (100 ms @ 10% Duty Cycle)
A Connection
2.4
A (AC or DC)
Maximum On-State Resistance @TA =+25°C
For 1A pulsed load, 10mA Control (see figure 4)
A Connection
500
m
B Connection
250
m
C Connection
150
m
Minimum Off-State Resistance @TA =+25°C, ±48V (see figure 5)
108
Maximum Turn-On Time @TA =+25°C (see figure 7)
For 500mA, 50 VDC load, 10mA Control
2.0
ms
Maximum Turn-Off Time @TA =+25°C (see figure 7)
For 500mA, 50 VDC load, 10mA Control
0.5
ms
Maximum Output Capacitance @ 50VDC (see figure 2)
130
pF
GENERAL CHARACTERISTICS
Limits
Units
Minimum Dielectric Strength, Input-Output
4000
VRMS
Minimum Insulation Resistance, Input-Output, @TA =+25°C, 50%RH, 100VDC
1012
Maximum Capacitance, Input-Output
1.0
pF
Maximum Pin Soldering Temperature (10 seconds maximum)
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
Electrical Specifications (-40°C
≤ TA ≤ +85°C unless otherwise specified)
Connection Diagrams
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com