Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0526 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM0526
Description  proximity sensor board based on TDA0161
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0526 Datasheet(HTML) 4 Page - STMicroelectronics

  UM0526 Datasheet HTML 1Page - STMicroelectronics UM0526 Datasheet HTML 2Page - STMicroelectronics UM0526 Datasheet HTML 3Page - STMicroelectronics UM0526 Datasheet HTML 4Page - STMicroelectronics UM0526 Datasheet HTML 5Page - STMicroelectronics UM0526 Datasheet HTML 6Page - STMicroelectronics UM0526 Datasheet HTML 7Page - STMicroelectronics UM0526 Datasheet HTML 8Page - STMicroelectronics UM0526 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
The proxy board
UM0526
4/9
1
The proxy board
This board could be considered the end board of control systems commonly used in factory
automation environments. The board also offers a connector that allows interfacing it with
other 24 V supplied systems or systems like the CLT3-4BT6 board for IO protection in order
to connect it to control boards typically running at 3.3 V or 5 V. A plaque for mounting the
sensing element at distances up to 2 m (look forward for details) can be taken into
consideration in systems using the STEVAL-IFS007V1. The main features are as follows:
●
Four TDA0161 proximity detectors, able to detect the current losses in the passive coils
connected to the STEVAL-IFS007V1 board. They act as oscillators and integrate the
sensing part constituted of the coil (typically 330 µH, 0.54 A standard coil) and an
external conditioning circuitry useful to adjust the detection distance
●
Each proximity detector is powered by a common 24 V supply
The layout of the STEVAL-IFS007V1 board is shown below.
Figure 2.
STEVAL-IFS007V1 layout
1.1
The coil support
Figure 3 shows an example of a physical support able to host the coil. This could be done
for the remote positioning of the sensing elements (the 2 square holes are useful to fix the
plaque to external supports, walls, etc.).
Figure 3.
Design of the plaque with the physical dimensions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com