Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0670 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0670
Description  80 W offline LED driver with PFC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0670 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0670 Datasheet HTML 1Page - STMicroelectronics UM0670 Datasheet HTML 2Page - STMicroelectronics UM0670 Datasheet HTML 3Page - STMicroelectronics UM0670 Datasheet HTML 4Page - STMicroelectronics UM0670 Datasheet HTML 5Page - STMicroelectronics UM0670 Datasheet HTML 6Page - STMicroelectronics UM0670 Datasheet HTML 7Page - STMicroelectronics UM0670 Datasheet HTML 8Page - STMicroelectronics UM0670 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
August 2009
Doc ID 15327 Rev 2
1/43
UM0670
User manual
80 W offline LED driver with PFC
1
Introduction
The use of high power LEDs in lighting applications is becoming increasingly popular due to
rapid improvements in lighting efficiency, longer life, higher reliability and overall cost
effectiveness. Dimming functions are more easily implemented in LEDs, and they are more
robust and offer wider design flexibility compared to other light sources.
For this reason a demonstration board for driving high brightness and power LEDs has been
developed. The STEVAL-ILL013V1 demonstration board is an 80 W offline dimmable LED
driver with high power factor (PF) intended for fixed number of LEDs, the overall design of
which is described in detail in this user manual.
The LED current can be set to 350 mA, 700 mA and 1000 mA, using jumpers. Additionally,
a dimming function using a PWM (pulse width modulation) signal is implemented as well,
allowing the user to set the LED brightness from 0% up to 100%. The demonstration board
can be ordered using order code STEVAL-ILL013V1, and is shown in Figure 1.
STEVAL-ILL013V1 main features
■ 80 W LED driver
■ 350 mA, 700 mA and 1 A LED current settings
■ High efficiency (~90%)
■ Wide input voltage range: 88 to 265 VAC
■ High power factor: 0.99 for 110 VAC and 0.98 for 230 VAC
■ Universal PWM input for dimming (external board required)
■ Non-isolated SMPS
■ Brightness regulation between 0% and 100%
■ EMI filter implemented
■ EN55015 and EN61000-3-2 compliant
Figure 1.
STEVAL-ILL013V1 demonstration board
www.st.com


Similar Part No. - UM0670

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0672 STMICROELECTRONICS-UM0672 Datasheet
338Kb / 15P
CRX14 and CR14 reference design PCB Gerber files
23-Jan-2009
UM0673 STMICROELECTRONICS-UM0673 Datasheet
757Kb / 19P
The power board STEVAL-ISF001V2 is a 3 kW PFC designed
19-Dec-2012
UM0677 STMICROELECTRONICS-UM0677 Datasheet
786Kb / 16P
High-efficiency switching LED driver for high-current LEDs
14-May-2010
More results

Similar Description - UM0670

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3799 LINER-LT3799 Datasheet
1Mb / 20P
Offline Isolated Flyback LED Controller with Active PFC
logo
Fairchild Semiconductor
FL7732MF116 FAIRCHILD-FL7732MF116 Datasheet
1Mb / 13P
Single-Stage PFC Primary-Side-Regulation Offline LED Driver
logo
Monolithic Power System...
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
Offline LED Driver
logo
STMicroelectronics
STEVAL-ILL013V1 STMICROELECTRONICS-STEVAL-ILL013V1 Datasheet
1Mb / 43P
80 W offline LED driver with PFC
10-Aug-2009
AN3111 STMICROELECTRONICS-AN3111 Datasheet
803Kb / 23P
18 W single-stage offline LED driver
08-Feb-2011
logo
Linear Technology
LT3799 LINER-LT3799_15 Datasheet
265Kb / 20P
Offline Isolated Flyback LED Controller with Active PFC
LT3799-1 LINER-LT3799-1_15 Datasheet
216Kb / 20P
Offline Isolated Flyback LED Controller with Active PFC
logo
Monolithic Power System...
MP4054 MPS-MP4054 Datasheet
758Kb / 19P
Non-isolated Offline LED Controller with Active PFC
logo
ON Semiconductor
FLS3217 ONSEMI-FLS3217 Datasheet
430Kb / 15P
Single-Stage PFC Primary-Side-Regulation Offline LED Driver
July 2014 Rev. 1.0.1
logo
JOULWATT
JW1758AC JW-JW1758AC Datasheet
158Kb / 1P
Offline Step-down LED Driver With PFC and High Voltage Current Source
Rev.0.84
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com