Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD78F9210CS Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # PD78F9210CS
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD78F9210CS Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button PD78F9210CS_15 Datasheet HTML 13Page - Renesas Technology Corp PD78F9210CS_15 Datasheet HTML 14Page - Renesas Technology Corp PD78F9210CS_15 Datasheet HTML 15Page - Renesas Technology Corp PD78F9210CS_15 Datasheet HTML 16Page - Renesas Technology Corp PD78F9210CS_15 Datasheet HTML 17Page - Renesas Technology Corp PD78F9210CS_15 Datasheet HTML 18Page - Renesas Technology Corp PD78F9210CS_15 Datasheet HTML 19Page - Renesas Technology Corp PD78F9210CS_15 Datasheet HTML 20Page - Renesas Technology Corp PD78F9210CS_15 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Preliminary Product Information U18551EJ2V0PM
15
µ PD78F9210CS, 78F9211CS, 78F9212CS
DC Characteristics (TA =
−40 to +85°C, VDD = 2.0 to 5.5 VNote 1, VSS = 0 V) (2/2)
Parameter
Symbol
Conditions
MIN. TYP. MAX. Unit
When A/D converter is stopped
6.1
12.2
fX = 10 MHz
VDD = 5.0 V
±10%Note 4
When A/D converter is operating
7.6
15.2
mA
When A/D converter is stopped
5.5
11.0
fX = 6 MHz
VDD = 5.0 V
±10%Note 4
When A/D converter is operating
14.0
mA
When A/D converter is stopped
3.0
6.0
IDD1
Note 3
Crystal/ceramic
oscillation,
external clock
input oscillation
operating
mode
Note 6
fX = 5 MHz
VDD = 3.0 V
±10%Note 5
When A/D converter is operating
4.5
9.0
mA
When peripheral functions are stopped
1.7
3.8
fX = 10 MHz
VDD = 5.0 V
±10%Note 4
When peripheral functions are operating
6.7
mA
When peripheral functions are stopped
1.3
3.0
fX = 6 MHz
VDD = 5.0 V
±10%Note 4
When peripheral functions are operating
6.0
mA
When peripheral functions are stopped
0.48
1
IDD2
Crystal/ceramic
oscillation,
external clock
input HALT
mode
Note 6
fX = 5 MHz
VDD = 3.0 V
±10%Note 5
When peripheral functions are operating
2.1
mA
When A/D converter is stopped
5.0
10.0
IDD3
Note 3
High-speed
internal oscillation
operating
mode
Note 7
fX = 8 MHz
VDD = 5.0 V
±10%Note 4
When A/D converter is operating
6.5
13.0
mA
When peripheral functions are stopped
1.4
3.2
IDD4
High-speed
internal oscillation
HALT mode
Note 7
fX = 8 MHz
VDD = 5.0 V
±10%Note 4
When peripheral functions are operating
5.9
mA
When low-speed internal oscillation
is stopped
3.5
20.0
VDD = 5.0 V
±10%
When low-speed internal oscillation
is operating
17.5
32.0
µA
When low-speed internal oscillation
is stopped
3.5
15.5
Supply
current
Note 2
IDD5
STOP mode
VDD = 3.0 V
±10%
When low-speed internal oscillation
is operating
11.0
26.0
µA
Notes 1.
Use this product in a voltage range of 2.2 to 5.5 V because the detection voltage (VPOC) of the power-on
clear (POC) circuit is 2.1 V
±0.1 V.
2.
Total current flowing through the internal power supply (VDD). However, the current that flows through the
pull-up resistors of ports is not included.
3.
IDD1 and IDD3 includ peripheral operation current.
4.
When the processor clock control register (PCC) is set to 00H.
5.
When the processor clock control register (PCC) is set to 02H.
6.
When crystal/ceramic oscillation clock, external clock input is selected as the system clock source using
the option byte.
7.
When high-speed internal oscillation clock is selected as the system clock source using the option byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com