Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHN7150 Datasheet(PDF) 2 Page - International Rectifier

Part # RHN7150
Description  TRANSISTOR N-CHANNEL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RHN7150 Datasheet(HTML) 2 Page - International Rectifier

  RHN7150 Datasheet HTML 1Page - International Rectifier RHN7150 Datasheet HTML 2Page - International Rectifier RHN7150 Datasheet HTML 3Page - International Rectifier RHN7150 Datasheet HTML 4Page - International Rectifier RHN7150 Datasheet HTML 5Page - International Rectifier RHN7150 Datasheet HTML 6Page - International Rectifier RHN7150 Datasheet HTML 7Page - International Rectifier RHN7150 Datasheet HTML 8Page - International Rectifier RHN7150 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Thermal Resistance
Parameter
Min. Typ. Max. Units
Test Conditions
RthJC
Junction-to-Case
—
—
0.83
K/W
RthJ-PCB
Junction-to-PC board
—
TBD
—
soldered to a copper-clad PC board
Source-Drain Diode Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
34
Modified MOSFET symbol showing the
ISM
Pulse Source Current (Body Diode) Œ
—
—
136
integral reverse p-n junction rectifier.
VSD
Diode Forward Voltage
—
—
1.9
V
Tj = 25°C, IS = 34A, VGS = 0V 
t rr
Reverse Recovery Time
—
—
570
ns
Tj = 25°C, IF = 34A, di/dt ≤ 100A/µs
QRR
Reverse Recovery Charge
—
—
5.8
µCVDD ≤ 50V 
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min.
Typ. Max. Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
100
—
—
V
VGS = 0V, ID = 1.0 mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
—
0.13
—
V/°C
Reference to 25°C, ID = 1.0 mA
Voltage
RDS(on)
Static Drain-to-Source
—
0.055
VGS = 12V, ID = 21A
On-State Resistance
—
0.066
Ω
VGS = 12V, ID = 34A
VGS(th)
Gate Threshold Voltage
2.0
—
4.0
V
VDS = VGS, ID = 1.0 mA
gfs
Forward Transconductance
8.0
—
S ( )VDS ≥ 15V, IDS = 21A 
IDSS
Zero Gate Voltage Drain Current
—
—
25
VDS = 0.8 x Max Rating,VGS = 0V
—
—
250
VDS = 0.8 x Max Rating
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
—
-100
VGS = -20V
Qg
Total Gate Charge
—
—
160
VGS =12V, ID = 34A
Qgs
Gate-to-Source Charge
—
—
35
VDS = Max. Rating x 0.5
Qgd
Gate-to-Drain (‘Miller’) Charge
—
—
65
td(on)
Turn-On Delay Time
—
—
45
VDD = 50V, ID = 34A,
tr
Rise Time
—
—
190
RG = 2.35Ω
td(off)
Turn-Off Delay Time
—
—
170
tf
Fall Time
—
—
130
LD
Internal Drain Inductance
—
0.8
—
LS
Internal Source Inductance
—
2.8
—
Ciss
Input Capacitance
—
4300
—
VGS = 0V, VDS = 25V
Coss
Output Capacitance
—
1200
—
f = 1.0 MHz
Crss
Reverse Transfer Capacitance
—
200
—
(see figure 22)
IRHN7150, IRHN8150 Devices
Pre-Radiation

µA
nC
pF
nH
ns
Measured from the
drain lead, 6mm (0.25
in.) from package to
center of die.
Measured from the
source lead, 6mm
(0.25 in.) from package
to source bonding pad.
Modified MOSFET
symbol showing the
internal inductances.
nA
A
(see figure 28)
(see figures 23 and 31)
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com