Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD150N Datasheet(PDF) 1 Page - International Rectifier

Part # SD150N
Description  STANDARD RECOVERY DIODES Stud Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD150N Datasheet(HTML) 1 Page - International Rectifier

  SD150N Datasheet HTML 1Page - International Rectifier SD150N Datasheet HTML 2Page - International Rectifier SD150N Datasheet HTML 3Page - International Rectifier SD150N Datasheet HTML 4Page - International Rectifier SD150N Datasheet HTML 5Page - International Rectifier SD150N Datasheet HTML 6Page - International Rectifier SD150N Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SD150N/R SERIES
STANDARD RECOVERY DIODES
Stud Version
150A
Bulletin I2077/A
Features
Wide current range
High voltage ratings up to 2500V
High surge current capabilities
Stud cathode and stud anode version
Standard JEDEC types
TypicalApplications
Converters
Power supplies
Machine tool controls
High power drives
Medium traction applications
Major Ratings and Characteristics
I
F(AV)
150
A
@ T
C
125
°C
I
F(RMS)
235
A
I
FSM
@ 50Hz
3600
A
@ 60Hz
3770
A
I2t@ 50Hz
65
KA2s
@ 60Hz
59
KA2s
V
RRM
range
400 to 2500
V
T
J
- 40 to 180
°C
Parameters
SD150N/R
Units
case style
DO-205AC (DO-30)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - SD150N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD150N IRF-SD150N Datasheet
196Kb / 8P
STANDARD RECOVERY DIODES
SD150N04MBC IRF-SD150N04MBC Datasheet
196Kb / 8P
STANDARD RECOVERY DIODES
SD150N04MBV IRF-SD150N04MBV Datasheet
196Kb / 8P
STANDARD RECOVERY DIODES
SD150N04MC IRF-SD150N04MC Datasheet
196Kb / 8P
STANDARD RECOVERY DIODES
SD150N04MSC IRF-SD150N04MSC Datasheet
196Kb / 8P
STANDARD RECOVERY DIODES
More results

Similar Description - SD150N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
130HF IRF-130HF Datasheet
309Kb / 6P
STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
STANDARD RECOVERY DIODES Stud Version
SD600N IRF-SD600N Datasheet
264Kb / 8P
STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
Standard Recovery Diodes (Stud Version)
25NS NAINA-25NS Datasheet
109Kb / 2P
Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com