Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UI01N65 Datasheet(PDF) 1 Page - Unitpower Technology Limited

Part # UI01N65
Description  N-Ch 650V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UI01N65 Datasheet(HTML) 1 Page - Unitpower Technology Limited

  UI01N65 Datasheet HTML 1Page - Unitpower Technology Limited UI01N65 Datasheet HTML 2Page - Unitpower Technology Limited UI01N65 Datasheet HTML 3Page - Unitpower Technology Limited UI01N65 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
機密
第 1 頁
2011-05-25
- 1 -
1
UI01N65
N-Ch 650V Fast Switching MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
650
V
VGS
Gate-Sou
rce Voltage
±
30
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
1
1.2
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
1
0.8
A
IDM
Pulsed Drain Current
2
2.4
A
EAS
Single Pulse Avalanche Energy
3
67
mJ
IAS
Avalanche Current
1.3
A
PD@TC=25℃
Total Power Dissipation
4
41.6
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient (Steady State)
1
---
62
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
3
℃
/W
ID
650V
12 Ω
1.2A
The UI01N65 is the highest performance N-ch
MOSFETs with extreme high cell density , which
provide excellent RDSON and gate charge for
most
of
the
synchronous
buck
converter
applications .
The UI01N65 meet the RoHS and Green
Product requirement , 100% EAS guaranteed with
full function reliability approved.
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High efficient switched mode power supplies
Electronic lamp ballast
LCD TV/ Monitor
Adapter
Absolute Maximum Ratings
Thermal Data
TO251 Pin Configuration
Product Summery
Rev A.01 D051711
BVDSS
RDS(ON)


Similar Part No. - UI01N65

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UI0004 DOINGTER-UI0004 Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Unitpower Technology Li...
UI0008 UNITPOWER-UI0008 Datasheet
750Kb / 4P
N-Ch 100V Fast Switching MOSFETs
logo
SHENZHEN DOINGTER SEMIC...
UI0014 DOINGTER-UI0014 Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Unitpower Technology Li...
UI02N60 UNITPOWER-UI02N60 Datasheet
2Mb / 5P
N-Ch 600V Fast Switching MOSFETs
More results

Similar Description - UI01N65

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD3006 XINDEYI-UD3006 Datasheet
686Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD3010 XINDEYI-UD3010 Datasheet
716Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD6006 XINDEYI-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM6004 XINDEYI-UM6004 Datasheet
860Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM9926 XINDEYI-UM9926 Datasheet
966Kb / 4P
N-Ch 20V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UB09N65 UNITPOWER-UB09N65 Datasheet
727Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UD01N65 UNITPOWER-UD01N65 Datasheet
688Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UD02N65 UNITPOWER-UD02N65 Datasheet
698Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UD03N65 UNITPOWER-UD03N65 Datasheet
761Kb / 4P
N-Ch 650V Fast Switching MOSFETs
UD04N65 UNITPOWER-UD04N65 Datasheet
766Kb / 4P
N-Ch 650V Fast Switching MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com